công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1922EDH bảng dữ liệu(PDF) 9 Page - Vishay Siliconix

tên linh kiện SI1922EDH
Giải thích chi tiết về linh kiện  Dual N-Channel 20 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1922EDH bảng dữ liệu(HTML) 9 Page - Vishay Siliconix

Back Button SI1922EDH Datasheet HTML 4Page - Vishay Siliconix SI1922EDH Datasheet HTML 5Page - Vishay Siliconix SI1922EDH Datasheet HTML 6Page - Vishay Siliconix SI1922EDH Datasheet HTML 7Page - Vishay Siliconix SI1922EDH Datasheet HTML 8Page - Vishay Siliconix SI1922EDH Datasheet HTML 9Page - Vishay Siliconix SI1922EDH Datasheet HTML 10Page - Vishay Siliconix SI1922EDH Datasheet HTML 11Page - Vishay Siliconix SI1922EDH Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AN816
Vishay Siliconix
www.vishay.com
2
Document Number: 71405
12-Dec-03
FIGURE 3.
Front of Board SC70-6
Back of Board SC70-6
D1
G2
S2
S1
G1
D2
SC70−6 DUAL
vishay.com
THERMAL PERFORMANCE
Junction-to-Foot Thermal Resistance
(the Package Performance)
Thermal performance for the dual SC-70 6-pin package is
measured as junction-to-foot thermal resistance, in which the
“foot” is the drain lead of the device as it connects with the
body. The junction-to-foot thermal resistance for this device is
typically 80_C/W, with a maximum thermal resistance of
approximately 100_C/W. This data compares favorably with
another compact, dual-channel package – the dual TSOP-6 –
which features a typical thermal resistance of 75_C/W and a
maximum of 90_C/W.
Power Dissipation
The typical RθJA for the dual-channel 6-pin SC-70 with a
copper leadframe is 224_C/W steady-state, compared to
413_C/W for the Alloy 42 version. All figures are based on the
1-inch2 FR4 test board. The following example shows how the
thermal resistance impacts power dissipation for the dual 6-pin
SC-70 package at varying ambient temperatures.
Alloy 42 Leadframe
ALLOY 42 LEADFRAME
Room Ambient 25 _C
Elevated Ambient 60 _C
PD +
TJ(max) * TA
RqJA
PD +
150oC * 25oC
413oC W
PD + 303 mW
PD +
TJ(max) * TA
RqJA
PD +
150oC * 60oC
413oC W
PD + 218 mW
COOPER LEADFRAME
Room Ambient 25 _C
Elevated Ambient 60 _C
PD +
TJ(max) * TA
RqJA
PD +
150oC * 25oC
224oC W
PD + 558 mW
PD +
TJ(max) * TA
RqJA
PD +
150oC * 60oC
224oC W
PD + 402 mW
Although they are intended for low-power applications,
devices in the 6-pin SC-70 dual-channel configuration will
handle power dissipation in excess of 0.5 W.
TESTING
To further aid the comparison of copper and Alloy 42
leadframes, Figures 4 and 5 illustrate the dual-channel 6-pin
SC-70 thermal performance on two different board sizes and
pad patterns. The measured steady-state values of RθJA for
the dual 6-pin SC-70 with varying leadframes are as follows:
LITTLE FOOT 6-PIN SC-70
Alloy 42
Copper
1) Minimum recommended pad pattern on
the EVB board (see Figure 3).
518_C/W
344_C/W
2) Industry standard 1-inch2 PCB with
maximum copper both sides.
413_C/W
224_C/W
The results indicate that designers can reduce thermal
resistance (θJA) by 34% simply by using the copper leadframe
device as opposed to the Alloy 42 version. In this example, a
174_C/W reduction was achieved without an increase in board
area. If an increase in board size is feasible, a further 120_C/W
reduction can be obtained by utilizing a 1-inch2. PCB area.
The Dual copper leadframe versions have the following suffix:
Dual:
Si19xxEDH
Compl.:
Si15xxEDH


Số phần tương tự - SI1922EDH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI1922EDH VISHAY-SI1922EDH Datasheet
265Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1922EDH VISHAY-SI1922EDH_V01 Datasheet
265Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Mô tả tương tự - SI1922EDH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com