công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1426DH bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện SI1426DH
Giải thích chi tiết về linh kiện  N-Channel 30 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1426DH bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  SI1426DH_10 Datasheet HTML 1Page - Vishay Siliconix SI1426DH_10 Datasheet HTML 2Page - Vishay Siliconix SI1426DH_10 Datasheet HTML 3Page - Vishay Siliconix SI1426DH_10 Datasheet HTML 4Page - Vishay Siliconix SI1426DH_10 Datasheet HTML 5Page - Vishay Siliconix SI1426DH_10 Datasheet HTML 6Page - Vishay Siliconix SI1426DH_10 Datasheet HTML 7Page - Vishay Siliconix SI1426DH_10 Datasheet HTML 8Page - Vishay Siliconix SI1426DH_10 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 71805
S10-0935-Rev. B, 19-Apr-10
Vishay Siliconix
Si1426DH
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.80
2.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V
1
µA
VDS = 24 V, VGS = 0 V, TJ = 85 °C
5
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 10 V
10
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 3.6 A
0.061
0.075
Ω
VGS = 4.5 V, ID = 2.0 A
0.092
0.115
Forward Transconductancea
gfs
VDS = 10 V, ID = 3.6 A
5S
Diode Forward Voltagea
VSD
IS = 1.3 A, VGS = 0 V
0.78
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 15 V, VGS = 4.5 V, ID = 3.6 A
1.9
3
nC
Gate-Source Charge
Qgs
0.75
Gate-Drain Charge
Qgd
0.75
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 15 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω
10
15
ns
Rise Time
tr
12
18
Turn-Off Delay Time
td(off)
15
22
Fall Time
tf
915
Source-Drain Reverse Recovery
trr
IF = 1.4 A, dI/dt = 100 A/µs
40
70
Output Characteristics
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VDS - Drain-to-Source Voltage (V)
VGS = 10 V thru 5 V
4 V
3 V
Transfer Characteristics
0
2
4
6
8
10
0
1234
5
VGS - Gate-to-Source Voltage (V)
25 °C
- 55 °C
TC = 125 °C


Số phần tương tự - SI1426DH_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI1426DH-T1 VISHAY-SI1426DH-T1 Datasheet
247Kb / 10P
   N-Channel 30 V (D-S) MOSFET
Rev. B, 19-Apr-10
SI1426DH VISHAY-SI1426DH_05 Datasheet
206Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 07-Feb-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 18-Feb-02
More results

Mô tả tương tự - SI1426DH_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com