công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1422DH bảng dữ liệu(PDF) 9 Page - Vishay Siliconix

tên linh kiện SI1422DH
Giải thích chi tiết về linh kiện  N-Channel 12 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1422DH bảng dữ liệu(HTML) 9 Page - Vishay Siliconix

Back Button SI1422DH Datasheet HTML 4Page - Vishay Siliconix SI1422DH Datasheet HTML 5Page - Vishay Siliconix SI1422DH Datasheet HTML 6Page - Vishay Siliconix SI1422DH Datasheet HTML 7Page - Vishay Siliconix SI1422DH Datasheet HTML 8Page - Vishay Siliconix SI1422DH Datasheet HTML 9Page - Vishay Siliconix SI1422DH Datasheet HTML 10Page - Vishay Siliconix SI1422DH Datasheet HTML 11Page - Vishay Siliconix SI1422DH Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AN815
Vishay Siliconix
www.vishay.com
2
Document Number: 71334
12-Dec-03
FIGURE 3.
Front of Board SC70-6
Back of Board SC70-6
vishay.com
THERMAL PERFORMANCE
Junction-to-Foot Thermal Resistance
(Package Performance)
The junction to foot thermal resistance is a useful method of
comparing different packages thermal performance.
A helpful way of presenting the thermal performance of the
6-Pin SC-70 copper leadframe device is to compare it to the
traditional Alloy 42 version.
Thermal performance for the 6-pin SC-70 measured as
junction-to-foot thermal resistance, where the “foot” is the
drain lead of the device at the bottom where it meets the PCB.
The junction-to-foot thermal resistance is typically 40_C/W in
the copper leadframe and 163_C/W in the Alloy 42 leadframe
— a four-fold improvement. This improved performance is
obtained by the enhanced thermal conductivity of copper over
Alloy 42.
Power Dissipation
The typical RqJA for the single 6-pin SC-70 with copper
leadframe is 103_C/W steady-state, compared with 212_C/W
for the Alloy 42 version. The figures are based on the 1-inch2
FR4 test board. The following example shows how the thermal
resistance impacts power dissipation for the two different
leadframes at varying ambient temperatures.
ALLOY 42 LEADFRAME
Room Ambient 25 _C
Elevated Ambient 60 _C
PD +
TJ(max) * TA
RqJA
PD +
150oC * 25oC
212oC W
PD + 590 mW
PD +
TJ(max) * TA
RqJA
PD +
150oC * 25oC
212oC W
PD + 425 mW
COOPER LEADFRAME
Room Ambient 25 _C
Elevated Ambient 60 _C
PD +
TJ(max) * TA
RqJA
PD +
150oC * 25oC
124oC W
PD + 1.01 W
PD +
TJ(max) * TA
RqJA
PD +
150oC * 60oC
124oC W
PD + 726 mW
As can be seen from the calculations above, the compact 6-pin
SC-70 copper leadframe LITTLE FOOT power MOSFET can
handle up to 1 W under the stated conditions.
Testing
To further aid comparison of copper and Alloy 42 leadframes,
Figure 5 illustrates single-channel 6-pin SC-70 thermal
performance on two different board sizes and two different pad
patterns. The measured steady-state values of RqJA for the
two leadframes are as follows:
LITTLE FOOT 6-PIN SC-70
Alloy 42
Copper
1) Minimum recommended pad pattern on
the EVB board V (see Figure 3.
329.7_C/W
208.5_C/W
2) Industry standard 1-inch2 PCB with
maximum copper both sides.
211.8_C/W
103.5_C/W
The results indicate that designers can reduce thermal
resistance (RqJA) by 36% simply by using the copper
leadframe device rather than the Alloy 42 version. In this
example, a 121_C/W reduction was achieved without an
increase in board area. If increasing in board size is feasible,
a further 105_C/W reduction could be obtained by utilizing a
1-inch2 square PCB area.
The copper leadframe versions have the following suffix:
Single:
Si14xxEDH
Dual:
Si19xxEDH
Complementary: Si15xxEDH


Số phần tương tự - SI1422DH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Telefunken
SI1422DH TFUNK-SI1422DH Datasheet
267Kb / 12P
   N-Channel 12 V (D-S) MOSFET
More results

Mô tả tương tự - SI1422DH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com