công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LVQ541DW bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC74LVQ541DW
Giải thích chi tiết về linh kiện  LOW-VOLTAGE CMOS OCTAL BUFFER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVQ541DW bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC74LVQ541DW Datasheet HTML 1Page - Motorola, Inc MC74LVQ541DW Datasheet HTML 2Page - Motorola, Inc MC74LVQ541DW Datasheet HTML 3Page - Motorola, Inc MC74LVQ541DW Datasheet HTML 4Page - Motorola, Inc MC74LVQ541DW Datasheet HTML 5Page - Motorola, Inc MC74LVQ541DW Datasheet HTML 6Page - Motorola, Inc MC74LVQ541DW Datasheet HTML 7Page - Motorola, Inc MC74LVQ541DW Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74LVQ541
MOTOROLA
LVQ DATA
BR1478
4
DYNAMIC SWITCHING CHARACTERISTICS (VCC = 3.3V)
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage (Note 1)
CL = 50pF, VIH = 3.3V, VIL = 0V
0.6
1.0
V
VOLV
Dynamic LOW Valley Voltage (Note 1)
CL = 50pF, VIH = 3.3V, VIL = 0V
–0.5
–1.0
V
VIHD
High Level Dynamic Input Voltage
(Note 2)
Input–Under–Test Switching 0V to Threshold,
f=1MHz
1.5
2.0
V
VILD
Low Level Dynamic Input Voltage
(Note 2)
Input–Under–Test Switching 3.3V to Threshold,
f=1MHz
1.5
0.8
V
1. Number of outputs defined as “n”. Measured with “n–1” outputs switching from HIGH–to–LOW. The remaining output is measured in the
LOW state.
2. Number of data inputs is defined as “n” switching, “n–1” inputs switching 0V to 3.3V.
AC CHARACTERISTICS (tR = tF = 2.5ns; CL = 50pF; RL = 500Ω)
Limits
TA = +25°C
TA = –40°C to +85°C
VCC = 3.0V to 3.6V
VCC = 2.7V
VCC = 3.0V to 3.6V
VCC = 2.7V
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Max
Max
Unit
tPLH
tPHL
Propagation Delay
Input to Output
2.0
2.0
6.5
6.5
9.0
8.5
2.0
2.0
7.0
6.5
9.5
9.0
2.0
2.0
9.5
9.0
10.5
10.0
ns
tPZH
tPZL
Output Enable Time
to High and Low Level
2.5
2.5
8.5
7.0
11.5
10.0
2.5
2.5
9.0
8.0
12.0
11.0
2.5
2.5
12.5
11.5
13.0
11.5
ns
tPHZ
tPLZ
Output Disable Time
From High and Low Level
1.0
1.0
9.0
7.0
12.5
9.5
1.0
1.0
10.0
7.0
14.0
10.0
1.0
1.0
14.0
10.5
16.0
11.0
ns
tOSHL
tOSLH
Output–to–Output Skew
(Note 1)
1.0
1.0
1.5
1.5
1.0
1.0
1.5
1.5
1.5
1.5
ns
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH–to–LOW (tOSHL) or LOW–to–HIGH (tOSLH); parameter
guaranteed by design.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CPD
Power Dissipation Capacitance
10MHz, VCC = 3.3V, VI = 0V or VCC
24
pF
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
4.5
pF


Số phần tương tự - MC74LVQ541DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LVQ573 MOTOROLA-MC74LVQ573 Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ573DT MOTOROLA-MC74LVQ573DT Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ573DW MOTOROLA-MC74LVQ573DW Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ573M MOTOROLA-MC74LVQ573M Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ573SD MOTOROLA-MC74LVQ573SD Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
More results

Mô tả tương tự - MC74LVQ541DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
74LVC244A ONSEMI-74LVC244A Datasheet
92Kb / 9P
   Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
MC74LCX240 ONSEMI-MC74LCX240_V01 Datasheet
252Kb / 8P
   Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
logo
Motorola, Inc
MC74LVQ244 MOTOROLA-MC74LVQ244 Datasheet
202Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC373A ONSEMI-74LVC373A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
logo
Motorola, Inc
MC74LCX540 MOTOROLA-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LCX541 MOTOROLA-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX541 ONSEMI-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX540 ONSEMI-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX244 ONSEMI-MC74LCX244_16 Datasheet
113Kb / 10P
   Low-Voltage CMOS Octal Buffer
January, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com