công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LVQ374M bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC74LVQ374M
Giải thích chi tiết về linh kiện  LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVQ374M bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC74LVQ374M Datasheet HTML 1Page - Motorola, Inc MC74LVQ374M Datasheet HTML 2Page - Motorola, Inc MC74LVQ374M Datasheet HTML 3Page - Motorola, Inc MC74LVQ374M Datasheet HTML 4Page - Motorola, Inc MC74LVQ374M Datasheet HTML 5Page - Motorola, Inc MC74LVQ374M Datasheet HTML 6Page - Motorola, Inc MC74LVQ374M Datasheet HTML 7Page - Motorola, Inc MC74LVQ374M Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1995
12/95
Low-Voltage Quiet CMOS
Octal D-Type Flip-Flop
(3-State, Non-Inverting)
The MC74LVQ374 is a high performance, non–inverting octal D–type
flip–flop operating from a 2.7 to 3.6V supply. The MC74LVQ374 is
suitable for TTL level bus oriented applications where a memory element
is required.
Current drive capability is 12mA at the outputs. The MC74LVQ374
consists of 8 edge–triggered flip–flops with individual D–type inputs and
3–state true outputs. The buffered clock and buffered Output Enable (OE)
are common to all flip–flops. The eight flip–flops will store the state of
individual D inputs that meet the setup and hold time requirements on the
LOW–to–HIGH Clock (CP) transition. With the OE LOW, the contents of
the eight flip–flops are available at the outputs. When the OE is HIGH, the
outputs go to the high impedance state. The OE input level does not affect
the operation of the flip–flops.
Designed for 2.7 to 3.6V VCC Operation – Ideal for Low Power/Low
Noise Applications
Guaranteed Simultaneous Switching Noise Level and Dynamic
Threshold Performance
Guaranteed Skew Specifications
Guaranteed Incident Wave Switching into 75Ω
Low Static Supply Current (10µA) Substantially Reduces System Power
Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V
Pinout: 20–Lead (Top View)
19
20
18
17
16
15
14
2
1
3
4
5
6
7
VCC
13
8
12
9
11
10
O7
D7
D6
O6
O5
D5
D4
O4
CP
OE
O0
D0
D1
O1
O2
D2
D3
O3
GND
MC74LVQ374
LOW–VOLTAGE CMOS
OCTAL D–TYPE FLIP–FLOP
LVQ
DW SUFFIX
PLASTIC SOIC
CASE 751D–04
DT SUFFIX
PLASTIC TSSOP
CASE 948E–02
20
1
20
1
M SUFFIX
PLASTIC SOIC EIAJ
CASE 967–01
20
1
SD SUFFIX
PLASTIC SSOP
CASE 940C–03
20
1
PIN NAMES
Function
Output Enable Input
Clock Pulse Input
Data Inputs
3–State Outputs
Pins
OE
CP
D0–D7
O0–O7


Số phần tương tự - MC74LVQ374M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LVQ373 MOTOROLA-MC74LVQ373 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ373DT MOTOROLA-MC74LVQ373DT Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ373DW MOTOROLA-MC74LVQ373DW Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ373M MOTOROLA-MC74LVQ373M Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ373SD MOTOROLA-MC74LVQ373SD Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
More results

Mô tả tương tự - MC74LVQ374M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A_16 Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Motorola, Inc
MC74LCX374 MOTOROLA-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
MC74LCX574 ONSEMI-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 2
MC74LCX374 ONSEMI-MC74LCX374_12 Datasheet
136Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Motorola, Inc
MC74LCX574 MOTOROLA-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
MC74LVQ574 MOTOROLA-MC74LVQ574 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374_14 Datasheet
96Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
September, 2014 ??Rev. 12
74LVT574 ONSEMI-74LVT574 Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVQ273 FAIRCHILD-74LVQ273 Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com