công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1016CX bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện SI1016CX
Giải thích chi tiết về linh kiện  Complementary N- and P-Channel 20 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1016CX bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  SI1016CX Datasheet HTML 1Page - Vishay Siliconix SI1016CX Datasheet HTML 2Page - Vishay Siliconix SI1016CX Datasheet HTML 3Page - Vishay Siliconix SI1016CX Datasheet HTML 4Page - Vishay Siliconix SI1016CX Datasheet HTML 5Page - Vishay Siliconix SI1016CX Datasheet HTML 6Page - Vishay Siliconix SI1016CX Datasheet HTML 7Page - Vishay Siliconix SI1016CX Datasheet HTML 8Page - Vishay Siliconix SI1016CX Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
Si1016CX
New Product
Document Number: 67535
S11-0655-Rev. A, 11-Apr-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Complementary N- and P-Channel 20 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFETs
High-Side Switching
Ease in Driving Switches
Low Offset (Error) Voltage
Low-Voltage Operation
High-Speed Circuits
Typical ESD Protection: N-Channel 1500 V
P-Channel 1000 V (HBM)
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load Switch, Small Signal Switches and Level-Shift
Switches
- Battery Operated Systems
- Portable
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 5 s.
c. Maximum under steady state conditions is 675 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A) Qg (Typ.)
N-Channel
20
0.396 at VGS = 4.5 V
0.5
0.75 nC
0.456 at VGS = 2.5 V
0.2
0.546 at VGS = 1.8 V
0.2
0.760 at VGS = 1.5 V
0.05
P-Channel
- 20
0.756 at VGS = - 4.5 V
- 0.35
1 nC
1.038 at VGS = - 2.5 V
- 0.35
1.440 at VGS = - 1.8 V
- 0.1
2.4 at VGS = - 1.5 V
- 0.05
Top View
3
1
D2
G2
S1
5
2
4
6
D1
S2
G1
SOT-563
SC-89
Marking Code: 5
Ordering Information: Si1016CX-T1-GE3 (Lead (Pb)-free and Halogen-free)
P-Channel MOSFET
N-Channel MOSFET
D2
S2
G2
S1
D1
G1
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
20
- 20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TA = 25 °C
ID
0.6a, b
- 0.6a, b
A
TA = 70 °C
0.49a, b
- 0.49a, b
Pulsed Drain Current (t = 300 µs)
IDM
2- 1.5
Source Drain Current Diode Current
TA = 25 °C
IS
0.18a, b
- 0.18a, b
Maximum Power Dissipation
TA = 25 °C
PD
0.22a, b
0.22a, b
W
TA = 70 °C
0.14a, b
0.14a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambienta, c
t
 5 s
RthJA
470
565
470
565
°C/W
Steady State
560
675
560
675


Số phần tương tự - SI1016CX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Telefunken
SI1016CX TFUNK-SI1016CX Datasheet
237Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1016CX VISHAY-SI1016CX Datasheet
240Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016CX VISHAY-SI1016CX_V01 Datasheet
240Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Mô tả tương tự - SI1016CX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI1035X VISHAY-SI1035X_V01 Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X Datasheet
53Kb / 7P
   Complementary N and P-Channel 20-V (D-S) MOSFET
Rev. A, 08-Feb-01
SI1016CX VISHAY-SI1016CX_V01 Datasheet
240Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_V01 Datasheet
159Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_08 Datasheet
107Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
S-80427-Rev. D, 03-Mar-08
SI1035X VISHAY-SI1035X_10 Datasheet
131Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
Rev. C, 08-Nov-10
SI1035X VISHAY-SI1035X_08 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X Datasheet
53Kb / 7P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 12-Mar-01
logo
Vishay Telefunken
SI1016CX TFUNK-SI1016CX Datasheet
237Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1016X-T1 VISHAY-SI1016X-T1 Datasheet
216Kb / 17P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 03-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com