công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LVQ32M bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC74LVQ32M
Giải thích chi tiết về linh kiện  LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVQ32M bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC74LVQ32M Datasheet HTML 1Page - Motorola, Inc MC74LVQ32M Datasheet HTML 2Page - Motorola, Inc MC74LVQ32M Datasheet HTML 3Page - Motorola, Inc MC74LVQ32M Datasheet HTML 4Page - Motorola, Inc MC74LVQ32M Datasheet HTML 5Page - Motorola, Inc MC74LVQ32M Datasheet HTML 6Page - Motorola, Inc MC74LVQ32M Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1995
11/95
Advance Information
Low-Voltage Quiet CMOS
Quad 2-Input OR Gate
The MC74LVQ32 is a high performance, quad 2–input OR gate
operating from a 2.7 to 3.6V supply. High impedance TTL compatible
inputs significantly reduce current loading to input drivers while TTL
compatible outputs offer improved switching noise performance.
Current drive capability is 12mA at the outputs.
Designed for 2.7 to 3.6V VCC Operation – Ideal for Low Power/Low
Noise Applications
Guaranteed Simultaneous Switching Noise Level and Dynamic
Threshold Performance
Guaranteed Skew Specifications
Guaranteed Incident Wave Switching into 75Ω
Low Static Supply Current (10µA) Substantially Reduces System Power
Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V
Pinout: 14–Lead (Top View)
13
14
12
11
10
9
8
2
1
3
4
5
6
7
VCC
A2
B2
O2
A3
B3
O3
A0
B0
O0
A1
B1
O1
GND
3
O0
1
A0
LOGIC DIAGRAM
2
B0
6
O1
4
A1
5
B1
11
O2
13
A2
12
B2
8
O3
10
A3
9
B3
This document contains information on a new product. Specifications and information herein are subject to
change without notice.
MC74LVQ32
LOW–VOLTAGE CMOS
QUAD 2–INPUT OR GATE
LVQ
DT SUFFIX
PLASTIC TSSOP
CASE 948G–01
14
1
SD SUFFIX
PLASTIC SSOP
CASE 940A–03
14
1
M SUFFIX
PLASTIC SOIC EIAJ
CASE 965–01
14
1
D SUFFIX
PLASTIC SOIC
CASE 751A–03
14
1
PIN NAMES
Function
Data Inputs
Outputs
Pins
An, Bn
On
L
L
H
H
L
H
L
H
INPUTS
OUTPUTS
An
Bn
L
H
H
H
On
FUNCTION TABLE


Số phần tương tự - MC74LVQ32M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LVQ373 MOTOROLA-MC74LVQ373 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ373DT MOTOROLA-MC74LVQ373DT Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ373DW MOTOROLA-MC74LVQ373DW Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ373M MOTOROLA-MC74LVQ373M Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ373SD MOTOROLA-MC74LVQ373SD Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
More results

Mô tả tương tự - MC74LVQ32M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
1996 REV 1
MC74LCX32 ONSEMI-MC74LCX32_12 Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input OR Gate
October, 2012 ??Rev. 8
logo
Motorola, Inc
MC74LCX32 MOTOROLA-MC74LCX32 Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
logo
STMicroelectronics
74LVQ32 STMICROELECTRONICS-74LVQ32_04 Datasheet
226Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE
logo
Fairchild Semiconductor
74LVQ32 FAIRCHILD-74LVQ32 Datasheet
64Kb / 6P
   Low Voltage Quad 2-Input OR Gate
logo
STMicroelectronics
74LVC32A STMICROELECTRONICS-74LVC32A Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE HIGH PERFORMANCE
July 2004 Rev. 4
logo
Fairchild Semiconductor
74LVX32 FAIRCHILD-74LVX32_08 Datasheet
305Kb / 8P
   Low Voltage Quad 2-Input OR Gate
74LVQ32 FAIRCHILD-74LVQ32_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input OR Gate
logo
ON Semiconductor
74LVX32 ONSEMI-74LVX32 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input OR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX32 FAIRCHILD-74LVX32 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com