công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LVQ245SD bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MC74LVQ245SD
Giải thích chi tiết về linh kiện  LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVQ245SD bảng dữ liệu(HTML) 6 Page - Motorola, Inc

  MC74LVQ245SD Datasheet HTML 1Page - Motorola, Inc MC74LVQ245SD Datasheet HTML 2Page - Motorola, Inc MC74LVQ245SD Datasheet HTML 3Page - Motorola, Inc MC74LVQ245SD Datasheet HTML 4Page - Motorola, Inc MC74LVQ245SD Datasheet HTML 5Page - Motorola, Inc MC74LVQ245SD Datasheet HTML 6Page - Motorola, Inc MC74LVQ245SD Datasheet HTML 7Page - Motorola, Inc MC74LVQ245SD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC74LVQ245
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
6
OUTLINE DIMENSIONS
DW SUFFIX
PLASTIC SOIC PACKAGE
CASE 751D–04
ISSUE E
M SUFFIX
PLASTIC SOIC EIAJ PACKAGE
CASE 967–01
ISSUE O
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
0.510
0.299
0.104
0.019
0.035
0.012
0.009
7
°
0.415
0.029
0.499
0.292
0.093
0.014
0.020
0.010
0.004
0
°
0.395
0.010
12.95
7.60
2.65
0.49
0.90
0.32
0.25
7
°
10.55
0.75
12.65
7.40
2.35
0.35
0.50
0.25
0.10
0
°
10.05
0.25
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.150
(0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.13
(0.005) TOTAL IN EXCESS OF D DIMENSION
AT MAXIMUM MATERIAL CONDITION.
1.27 BSC
0.050 BSC
–A
–B
P 10 PL
1
10
11
20
–T
D 20 PL
K
C
SEATING
PLANE
R X 45
°
M
0.010 (0.25)
B
M
M
0.010 (0.25)
T
A
B
M
S
S
G 18 PL
F
J
DIM
MIN
MAX
MIN
MAX
INCHES
---
2.05
---
0.081
MILLIMETERS
0.05
0.20
0.002
0.008
0.35
0.50
0.014
0.020
0.18
0.27
0.007
0.011
12.35
12.80
0.486
0.504
5.10
5.45
0.201
0.215
1.27 BSC
0.050 BSC
7.40
8.20
0.291
0.323
0.50
0.85
0.020
0.033
1.10
1.50
0.043
0.059
0
0.70
0.90
0.028
0.035
---
0.81
---
0.032
A1
A
b
c
D
E
e
L
M
Z
HE
Q1
LE
_ 10_
0
_ 10_
NOTES:
1 DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2 CONTROLLING DIMENSION: MILLIMETER.
3 DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH OR PROTRUSIONS AND ARE MEASURED
AT THE PARTING LINE. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006)
PER SIDE.
4 TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
5 THE LEAD WIDTH DIMENSION (b) DOES NOT
INCLUDE DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08 (0.003)
TOTAL IN EXCESS OF THE LEAD WIDTH
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSIONS AND ADJACENT LEAD
TO BE 0.46 ( 0.018).
Z
D
HE
E
1
20
11
10
b
A1
e
L
LE
Q1
M _
VIEW P
DETAIL P
0.13 (0.005) M
0.10 (0.004)
c
A


Số phần tương tự - MC74LVQ245SD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LVQ240 MOTOROLA-MC74LVQ240 Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ240DT MOTOROLA-MC74LVQ240DT Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ240DW MOTOROLA-MC74LVQ240DW Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ240M MOTOROLA-MC74LVQ240M Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ240SD MOTOROLA-MC74LVQ240SD Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
More results

Mô tả tương tự - MC74LVQ245SD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LCX245DTG ONSEMI-MC74LCX245DTG Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
MC74LCX245DWR2G ONSEMI-MC74LCX245DWR2G Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
logo
Motorola, Inc
MC74LCX2245 MOTOROLA-MC74LCX2245 Datasheet
161Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX245 MOTOROLA-MC74LCX245 Datasheet
157Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
logo
ON Semiconductor
MC74LCX245MNTWG ONSEMI-MC74LCX245MNTWG Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
logo
Motorola, Inc
MC74LCX646 MOTOROLA-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX646 ONSEMI-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
logo
Motorola, Inc
MC74LVQ646 MOTOROLA-MC74LVQ646 Datasheet
230Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
MC74LCX543 MOTOROLA-MC74LCX543 Datasheet
155Kb / 9P
   LOW-VOLTAGE CMOS OCTAL LATCHING TRANSCEIVER
MC74LCX2952 MOTOROLA-MC74LCX2952 Datasheet
182Kb / 10P
   LOW-VOLTAGE CMOS OCTAL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com