công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LVQ244DT bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC74LVQ244DT
Giải thích chi tiết về linh kiện  LOW-VOLTAGE CMOS OCTAL BUFFER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVQ244DT bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC74LVQ244DT Datasheet HTML 1Page - Motorola, Inc MC74LVQ244DT Datasheet HTML 2Page - Motorola, Inc MC74LVQ244DT Datasheet HTML 3Page - Motorola, Inc MC74LVQ244DT Datasheet HTML 4Page - Motorola, Inc MC74LVQ244DT Datasheet HTML 5Page - Motorola, Inc MC74LVQ244DT Datasheet HTML 6Page - Motorola, Inc MC74LVQ244DT Datasheet HTML 7Page - Motorola, Inc MC74LVQ244DT Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74LVQ244
ECLinPS and ECLinPS Lite
DL140 — Rev 3
3
MOTOROLA
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Value
Condition
Unit
VCC
DC Supply Voltage
–0.5 to +7.0
V
VI
DC Input Voltage
–0.5
≤ VI ≤ VCC + 0.5V
V
VO
DC Output Voltage
–0.5
≤ VO ≤ VCC + 0.5
Output in HIGH or LOW State
V
IIK
DC Input Diode Current
–20
VI = –0.5V
mA
+20
VI = VCC + 0.5V
mA
IOK
DC Output Diode Current
–20
VO = –0.5V
mA
+20
VI = VCC + 0.5V
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current
±400
mA
IGND
DC Ground Current
±400
mA
TSTG
Storage Temperature Range
–65 to +150
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is
not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
2.0
3.3
3.6
V
VI
Input Voltage
0
VCC
V
VO
Output Voltage
0
VCC
V
TA
Operating Free–Air Temperature
–40
+85
°C
∆V/∆t
Input Transition Rise or Fall Rate, VIN from 0.8V to 2.0V, VCC = 3.0V
0
125
mV/ns
DC ELECTRICAL CHARACTERISTICS
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 1)
2.7V
≤ VCC ≤ 3.6V,
VO = 0.1V or VCC – 0.1V
2.0
V
VIL
LOW Level Input Voltage (Note 1)
2.7V
≤ VCC ≤ 3.6V,
VO = 0.1V or VCC – 0.1V
0.8
V
VOH
HIGH Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOH = –50µA
VCC – 0.1
V
VCC = 2.7V; IOH = –12mA
2.2
VCC = 3.0V; IOH = –12mA
2.48
VOL
LOW Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOL = 50µA
0.1
V
2.7V
≤ VCC ≤ 3.6V; IOL= 12mA
0.4
II
Input Leakage Current
2.7V
≤ VCC ≤3.6V; VI= VCC, GND
±1.0
µA
IOZ
Maximum 3–State Leakage Current
VI(OE) = VIL, VIH; VI, VO= VCC, GND
±2.5
µA
IOLD
Minimum Dynamic Output Current (Note 2)
VCC = 3.6V; VOLD = 0.8V Max
36
mA
IOHD
VCC = 3.6V; VOHD = 2.0V Min
–25
mA
ICC
Quiescent Supply Current
2.7V
≤ VCC ≤3.6V; VI = VCC, GND
10
µA
1. These values of VI are used to test DC electrical characteristics only. Functional test should use VIH ≥ 2.4V, VIL ≤ 0.5V.
2. Incident wave switching on transmission lines with impedances as low as 75
Ω for commercial temperature range is guaranteed. Maximum test
duration is 2ms, one output loaded at a time.


Số phần tương tự - MC74LVQ244DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LVQ240 MOTOROLA-MC74LVQ240 Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ240DT MOTOROLA-MC74LVQ240DT Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ240DW MOTOROLA-MC74LVQ240DW Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ240M MOTOROLA-MC74LVQ240M Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ240SD MOTOROLA-MC74LVQ240SD Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
More results

Mô tả tương tự - MC74LVQ244DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LVQ541 MOTOROLA-MC74LVQ541 Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC244A ONSEMI-74LVC244A Datasheet
92Kb / 9P
   Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
MC74LCX240 ONSEMI-MC74LCX240_V01 Datasheet
252Kb / 8P
   Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
74LVC373A ONSEMI-74LVC373A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
logo
Motorola, Inc
MC74LCX540 MOTOROLA-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LCX541 MOTOROLA-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX541 ONSEMI-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX540 ONSEMI-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX244 ONSEMI-MC74LCX244_16 Datasheet
113Kb / 10P
   Low-Voltage CMOS Octal Buffer
January, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com