công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LVQ245DW bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC74LVQ245DW
Giải thích chi tiết về linh kiện  LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVQ245DW bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC74LVQ245DW Datasheet HTML 1Page - Motorola, Inc MC74LVQ245DW Datasheet HTML 2Page - Motorola, Inc MC74LVQ245DW Datasheet HTML 3Page - Motorola, Inc MC74LVQ245DW Datasheet HTML 4Page - Motorola, Inc MC74LVQ245DW Datasheet HTML 5Page - Motorola, Inc MC74LVQ245DW Datasheet HTML 6Page - Motorola, Inc MC74LVQ245DW Datasheet HTML 7Page - Motorola, Inc MC74LVQ245DW Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74LVQ245
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
4
DYNAMIC SWITCHING CHARACTERISTICS (VCC = 3.3V)
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage (Note 1)
CL = 50pF, VIH = 3.3V, VIL = 0V
0.6
1.0
V
VOLV
Dynamic LOW Valley Voltage (Note 1)
CL = 50pF, VIH = 3.3V, VIL = 0V
–0.5
–1.0
V
VIHD
High Level Dynamic Input Voltage
(Note 2)
Input–Under–Test Switching 0V to Threshold,
f=1MHz
1.5
2.0
V
VILD
Low Level Dynamic Input Voltage
(Note 2)
Input–Under–Test Switching 3.3V to Threshold,
f=1MHz
1.5
0.8
V
1. Number of outputs defined as “n”. Measured with “n–1” outputs switching from HIGH–to–LOW. The remaining output is measured in the
LOW state.
2. Number of data inputs is defined as “n” switching, “n–1” inputs switching 0V to 3.3V.
AC CHARACTERISTICS (tR = tF = 2.5ns; CL = 50pF; RL = 500Ω)
Limits
TA = +25°C
TA = –40°C to +85°C
VCC = 3.0V to 3.6V
VCC = 2.7V
VCC = 3.0V to 3.6V
VCC = 2.7V
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Max
Max
Unit
tPLH
tPHL
Propagation Delay
Input to Output
2.0
2.0
7.0
7.0
10.0
10.0
2.0
2.0
8.0
8.0
11.5
11.5
2.0
2.0
10.5
10.5
12.5
12.5
ns
tPZH
tPZL
Output Enable Time
to High and Low Level
2.5
2.5
8.0
8.5
11.5
13.0
2.5
2.5
9.5
11.0
13.5
15.0
2.5
2.5
13.0
13.5
15.0
16.5
ns
tPHZ
tPLZ
Output Disable Time
From High and Low Level
1.0
1.0
8.5
8.5
12.5
12.5
1.0
1.0
10.5
10.5
14.0
15.0
1.0
1.0
14.0
14.0
15.0
17.0
ns
tOSHL
tOSLH
Output–to–Output Skew
(Note 1)
1.0
1.0
1.5
1.5
1.0
1.0
1.5
1.5
1.5
1.5
ns
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH–to–LOW (tOSHL) or LOW–to–HIGH (tOSLH); parameter
guaranteed by design.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CPD
Power Dissipation Capacitance
10MHz, VCC = 3.3V, VI = 0V or VCC
27
pF
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
4.5
pF
CI/O
Input/Output Capacitance
VCC = 3.3V, VI = 0V or VCC
15
pF


Số phần tương tự - MC74LVQ245DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LVQ240 MOTOROLA-MC74LVQ240 Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ240DT MOTOROLA-MC74LVQ240DT Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ240DW MOTOROLA-MC74LVQ240DW Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ240M MOTOROLA-MC74LVQ240M Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ240SD MOTOROLA-MC74LVQ240SD Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
More results

Mô tả tương tự - MC74LVQ245DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LCX245DTG ONSEMI-MC74LCX245DTG Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
MC74LCX245DWR2G ONSEMI-MC74LCX245DWR2G Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
logo
Motorola, Inc
MC74LCX2245 MOTOROLA-MC74LCX2245 Datasheet
161Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX245 MOTOROLA-MC74LCX245 Datasheet
157Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
logo
ON Semiconductor
MC74LCX245MNTWG ONSEMI-MC74LCX245MNTWG Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
logo
Motorola, Inc
MC74LCX646 MOTOROLA-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX646 ONSEMI-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
logo
Motorola, Inc
MC74LVQ646 MOTOROLA-MC74LVQ646 Datasheet
230Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
MC74LCX543 MOTOROLA-MC74LCX543 Datasheet
155Kb / 9P
   LOW-VOLTAGE CMOS OCTAL LATCHING TRANSCEIVER
MC74LCX2952 MOTOROLA-MC74LCX2952 Datasheet
182Kb / 10P
   LOW-VOLTAGE CMOS OCTAL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com