công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LVQ138DT bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC74LVQ138DT
Giải thích chi tiết về linh kiện  LOW-VOLTAGE CMOS DECODER/DEMULTIPLEXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVQ138DT bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC74LVQ138DT Datasheet HTML 1Page - Motorola, Inc MC74LVQ138DT Datasheet HTML 2Page - Motorola, Inc MC74LVQ138DT Datasheet HTML 3Page - Motorola, Inc MC74LVQ138DT Datasheet HTML 4Page - Motorola, Inc MC74LVQ138DT Datasheet HTML 5Page - Motorola, Inc MC74LVQ138DT Datasheet HTML 6Page - Motorola, Inc MC74LVQ138DT Datasheet HTML 7Page - Motorola, Inc MC74LVQ138DT Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 1
© Motorola, Inc. 1996
1/96
Low-Voltage Quiet CMOS
1-of-8 Decoder/Demultiplexer
The MC74LVQ138 is a high performance, 1–of–8 decoder/
demultiplexer operating from a 2.7 to 3.6V supply. High impedance TTL
compatible inputs significantly reduce current loading to input drivers
while TTL compatible outputs offer improved switching noise
performance. The MC74LVQ138 is suitable for memory address
decoding and other TTL level bus oriented applications.
The MC74LVQ138 high–speed 1–of–8 decoder/demultiplexer accepts
three binary weighted inputs (A0, A1, A2) and, when enabled, provides
eight mutually exclusive active–LOW outputs (O0–O7). The LVQ138
features three Enable inputs, two active–LOW (E1, E2) and one
active–HIGH (E3). All outputs will be HIGH unless E1 and E2 are LOW,
and E3 is HIGH. This multiple enabled function allows easy parallel
expansion of the device to a 1–of–32 (5 lines to 32 lines) decoder with just
four LVQ138 devices and one inverter (See Figure 1). The LVQ138 can
be used as an 8–output demultiplexer by using one of the active–LOW
Enable inputs as the data input and the other Enable inputs as strobes.
The Enable inputs which are not used must be permanently tied to their
appropriate active–HIGH or active–LOW state.
Current drive capability is 12mA at the outputs.
Designed for 2.7 to 3.6V VCC Operation – Ideal for Low Power/Low
Noise Applications
Guaranteed Simultaneous Switching Noise Level and Dynamic
Threshold Performance
Guaranteed Skew Specifications
Guaranteed Incident Wave Switching into 75Ω
Low Static Supply Current (10µA) Substantially Reduces System Power
Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V
15
16
14
13
12
11
10
2
1
3
4
5
6
7
VCC
9
8
O0
O1
O2
O3
O4
O5
O6
A0
A1
A2
E1
E2
E3
O7
GND
Pinout: 16–Lead Plastic Package (Top View)
M SUFFIX
PLASTIC SOIC EIAJ
CASE 966–01
16
1
MC74LVQ138
LOW–VOLTAGE CMOS
DECODER/DEMULTIPLEXER
D SUFFIX
PLASTIC SOIC
CASE 751B–05
DT SUFFIX
PLASTIC TSSOP
CASE 948F–01
16
1
16
1
PIN NAMES
Function
Address Inputs
Enable Inputs
Enable Input
Outputs
Pins
A0–A2
E1–E2
E3
O0–O7
SD SUFFIX
PLASTIC SSOP
CASE 940B–03
16
1
LVQ


Số phần tương tự - MC74LVQ138DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LVQ125 MOTOROLA-MC74LVQ125 Datasheet
191Kb / 8P
   LOW-VOLTAGE CMOS QUAD BUFFER
MC74LVQ125D MOTOROLA-MC74LVQ125D Datasheet
191Kb / 8P
   LOW-VOLTAGE CMOS QUAD BUFFER
MC74LVQ125DT MOTOROLA-MC74LVQ125DT Datasheet
191Kb / 8P
   LOW-VOLTAGE CMOS QUAD BUFFER
MC74LVQ125M MOTOROLA-MC74LVQ125M Datasheet
191Kb / 8P
   LOW-VOLTAGE CMOS QUAD BUFFER
MC74LVQ125SD MOTOROLA-MC74LVQ125SD Datasheet
191Kb / 8P
   LOW-VOLTAGE CMOS QUAD BUFFER
More results

Mô tả tương tự - MC74LVQ138DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LCX138 ONSEMI-MC74LCX138 Datasheet
162Kb / 8P
   LOW-VOLTAGE CMOS DECODER/DEMULTIPLEXER
1996 REV 1
MC74LCX138DTG ONSEMI-MC74LCX138DTG Datasheet
165Kb / 7P
   Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer
October, 2012 ??Rev. 10
MC74LCX138MELG ONSEMI-MC74LCX138MELG Datasheet
165Kb / 7P
   Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer
October, 2012 ??Rev. 10
logo
STMicroelectronics
74LCX139 STMICROELECTRONICS-74LCX139_06 Datasheet
315Kb / 17P
   Low voltage CMOS Dual 2 to 4 decoder / demultiplexer
74LCX139 STMICROELECTRONICS-74LCX139 Datasheet
279Kb / 12P
   LOW VOLTAGE CMOS DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74LCX139 ONSEMI-MC74LCX139 Datasheet
100Kb / 8P
   Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
January, 2005 ??Rev. 3
logo
STMicroelectronics
74LVX139 STMICROELECTRONICS-74LVX139 Datasheet
289Kb / 12P
   LOW VOLTAGE CMOS DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74LCX139 ONSEMI-MC74LCX139_12 Datasheet
162Kb / 7P
   Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
October, 2012 ??Rev. 7
logo
Fairchild Semiconductor
74LVQ138 FAIRCHILD-74LVQ138 Datasheet
98Kb / 8P
   Low Voltage 1-of-8 Decoder/Demultiplexer
74LVX138 FAIRCHILD-74LVX138 Datasheet
79Kb / 7P
   Low Voltage 1-of-8 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com