công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRLZ44 bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện IRLZ44
Giải thích chi tiết về linh kiện  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLZ44 bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  IRLZ44 Datasheet HTML 1Page - Vishay Siliconix IRLZ44 Datasheet HTML 2Page - Vishay Siliconix IRLZ44 Datasheet HTML 3Page - Vishay Siliconix IRLZ44 Datasheet HTML 4Page - Vishay Siliconix IRLZ44 Datasheet HTML 5Page - Vishay Siliconix IRLZ44 Datasheet HTML 6Page - Vishay Siliconix IRLZ44 Datasheet HTML 7Page - Vishay Siliconix IRLZ44 Datasheet HTML 8Page - Vishay Siliconix IRLZ44 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
Document Number: 91328
2
S11-0520-Rev. C, 21-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRLZ44, SiHLZ44
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 μs; duty cycle ≤ 2 %.
c. Current limited by the package, (die current = 51 A).
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
0.50
-
Maximum Junction-to-Case (Drain)
RthJC
-1.0
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
60
-
-
V
VDS Temperature Coefficient
ΔVDS/TJ
Reference to 25 °C, ID = 1 mA
-
0.070
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.0
-
2.0
V
Gate-Source Leakage
IGSS
VGS = 10 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
-
-
25
μA
VDS = 48 V, VGS = 0 V, TJ = 150 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 5.0 V
ID = 31 Ab
--
0.028
Ω
VGS = 4.0 V
ID = 25 Ab
--
0.039
Forward Transconductance
gfs
VDS = 25 V, ID = 31 Ab
23
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
3300
-
pF
Output Capacitance
Coss
-
1200
-
Reverse Transfer Capacitance
Crss
-
200
-
Total Gate Charge
Qg
VGS = 5.0 V
ID = 51 A, VDS = 48 V,
see fig. 6 and 13b
--
66
nC
Gate-Source Charge
Qgs
--
12
Gate-Drain Charge
Qgd
--
43
Turn-On Delay Time
td(on)
VDD = 30 V, ID = 51 A,
Rg = 4.6
Ω, RD = 0.56 Ω, see fig. 10b
-17
-
ns
Rise Time
tr
-
230
-
Turn-Off Delay Time
td(off)
-42
-
Fall Time
tf
-
110
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
50c
A
Pulsed Diode Forward Currenta
ISM
-
-
200
Body Diode Voltage
VSD
TJ = 25 °C, IS = 51 A, VGS = 0 Vb
--
2.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 51 A, dI/dt = 100 A/μsb
-
130
180
ns
Body Diode Reverse Recovery Charge
Qrr
-0.84
1.3
μC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G


Số phần tương tự - IRLZ44

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
IRLZ44 SAMSUNG-IRLZ44 Datasheet
209Kb / 4P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
International Rectifier
IRLZ44 IRF-IRLZ44 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
logo
Vishay Siliconix
IRLZ44 VISHAY-IRLZ44 Datasheet
1Mb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
logo
ARTSCHIP ELECTRONICS CO...
IRLZ44 ARTSCHIP-IRLZ44 Datasheet
240Kb / 4P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
Vishay Siliconix
IRLZ44 VISHAY-IRLZ44 Datasheet
1Mb / 9P
   Power MOSFET
09-Jul-2021
More results

Mô tả tương tự - IRLZ44

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com