công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC74LVQ240DW bảng dữ liệu(PDF) 4 Page - Motorola, Inc |
|
MC74LVQ240DW bảng dữ liệu(HTML) 4 Page - Motorola, Inc |
4 / 8 page MC74LVQ240 MOTOROLA ECLinPS and ECLinPS Lite DL140 — Rev 3 4 DYNAMIC SWITCHING CHARACTERISTICS (VCC = 3.3V) TA = +25°C Symbol Characteristic Condition Min Typ Max Unit VOLP Dynamic LOW Peak Voltage (Note 1) CL = 50pF, VIH = 3.3V, VIL = 0V 0.6 1.0 V VOLV Dynamic LOW Valley Voltage (Note 1) CL = 50pF, VIH = 3.3V, VIL = 0V –0.5 –1.0 V VIHD High Level Dynamic Input Voltage (Note 2) Input–Under–Test Switching 0V to Threshold, f=1MHz 1.5 2.0 V VILD Low Level Dynamic Input Voltage (Note 2) Input–Under–Test Switching 3.3V to Threshold, f=1MHz 1.5 0.8 V 1. Number of outputs defined as “n”. Measured with “n–1” outputs switching from HIGH–to–LOW. The remaining output is measured in the LOW state. 2. Number of data inputs is defined as “n” switching, “n–1” inputs switching 0V to 3.3V. AC CHARACTERISTICS (tR = tF = 2.5ns; CL = 50pF; RL = 500Ω) Limits TA = +25°C TA = –40°C to +85°C VCC = 3.0V to 3.6V VCC = 2.7V VCC = 3.0V to 3.6V VCC = 2.7V Symbol Parameter Min Typ Max Min Typ Max Min Max Max Unit tPLH tPHL Propagation Delay Input to Output 2.0 2.0 6.0 6.0 9.5 9.5 2.0 2.0 7.0 7.0 11.0 11.0 2.0 2.0 10.5 10.5 12.0 12.0 ns tPZH tPZL Output Enable Time to High and Low Level 2.5 2.5 7.5 7.5 11.0 11.0 2.5 2.5 9.0 9.0 13.0 13.0 2.5 2.5 12.0 12.0 14.0 14.0 ns tPHZ tPLZ Output Disable Time From High and Low Level 1.0 1.0 7.0 7.0 10.5 10.5 1.0 1.0 9.0 9.0 13.0 13.0 1.0 1.0 11.5 11.5 14.0 14.0 ns tOSHL tOSLH Output–to–Output Skew (Note 1) 1.0 1.0 1.5 1.5 1.0 1.0 1.5 1.5 1.5 1.5 ns 1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH–to–LOW (tOSHL) or LOW–to–HIGH (tOSLH); parameter guaranteed by design. CAPACITIVE CHARACTERISTICS Symbol Parameter Condition Typical Unit CPD Power Dissipation Capacitance 10MHz, VCC = 3.3V, VI = 0V or VCC 22 pF CIN Input Capacitance VCC = Open, VI = 0V or VCC 4.5 pF |
Số phần tương tự - MC74LVQ240DW |
|
Mô tả tương tự - MC74LVQ240DW |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |