công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LVQ08DT bảng dữ liệu(PDF) 5 Page - Motorola, Inc

tên linh kiện MC74LVQ08DT
Giải thích chi tiết về linh kiện  LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVQ08DT bảng dữ liệu(HTML) 5 Page - Motorola, Inc

  MC74LVQ08DT Datasheet HTML 1Page - Motorola, Inc MC74LVQ08DT Datasheet HTML 2Page - Motorola, Inc MC74LVQ08DT Datasheet HTML 3Page - Motorola, Inc MC74LVQ08DT Datasheet HTML 4Page - Motorola, Inc MC74LVQ08DT Datasheet HTML 5Page - Motorola, Inc MC74LVQ08DT Datasheet HTML 6Page - Motorola, Inc MC74LVQ08DT Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC74LVQ08
LCX DATA
BR1478
5
MOTOROLA
OUTLINE DIMENSIONS
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751A–03
ISSUE F
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
8.55
3.80
1.35
0.35
0.40
0.19
0.10
0
°
5.80
0.25
8.75
4.00
1.75
0.49
1.25
0.25
0.25
7
°
6.20
0.50
0.337
0.150
0.054
0.014
0.016
0.008
0.004
0
°
0.228
0.010
0.344
0.157
0.068
0.019
0.049
0.009
0.009
7
°
0.244
0.019
1.27 BSC
0.050 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
–A
–B
P 7 PL
G
C
K
SEATING
PLANE
D 14 PL
M
J
R X 45
°
1
7
8
14
0.25 (0.010)
T
B
A
M
S
S
B
0.25 (0.010) M
M
F
M SUFFIX
PLASTIC SOIC EIAJ PACKAGE
CASE 965–01
ISSUE O
Z
D
HE
E
1
14
8
7
b
A1
A
e
L
DIM
MIN
MAX
MIN
MAX
INCHES
---
2.05
---
0.081
MILLIMETERS
0.05
0.20
0.002
0.008
0.35
0.50
0.014
0.020
0.18
0.27
0.007
0.011
9.90
10.50
0.390
0.413
5.10
5.45
0.201
0.215
1.27 BSC
0.050 BSC
7.40
8.20
0.291
0.323
0.50
0.85
0.020
0.033
1.10
1.50
0.043
0.059
0
0.70
0.90
0.028
0.035
---
1.42
---
0.056
A1
A
b
c
D
E
e
L
M
Z
HE
Q1
LE
_ 10_
0
_ 10_
LE
Q1
c
M _
VIEW P
DETAIL P
NOTES:
1 DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2 CONTROLLING DIMENSION: MILLIMETER.
3 DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH OR PROTRUSIONS AND ARE MEASURED
AT THE PARTING LINE. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006)
PER SIDE.
4 TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
5 THE LEAD WIDTH DIMENSION (b) DOES NOT
INCLUDE DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08 (0.003)
TOTAL IN EXCESS OF THE LEAD WIDTH
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSIONS AND ADJACENT LEAD
TO BE 0.46 ( 0.018).
0.13 (0.005) M
0.10 (0.004)


Số phần tương tự - MC74LVQ08DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LVQ00 MOTOROLA-MC74LVQ00 Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
MC74LVQ00D MOTOROLA-MC74LVQ00D Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
MC74LVQ00DT MOTOROLA-MC74LVQ00DT Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
MC74LVQ00M MOTOROLA-MC74LVQ00M Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
MC74LVQ00SD MOTOROLA-MC74LVQ00SD Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
More results

Mô tả tương tự - MC74LVQ08DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LCX08 MOTOROLA-MC74LCX08 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
logo
ON Semiconductor
MC74LCX08 ONSEMI-MC74LCX08_14 Datasheet
86Kb / 7P
   Low-Voltage CMOS Quad 2-Input AND Gate
September, 2014 ??Rev. 10
MC74LCX08 ONSEMI-MC74LCX08 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
1996 REV 1
logo
STMicroelectronics
74LVC08A STMICROELECTRONICS-74LVC08A_04 Datasheet
256Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
74LVC08A STMICROELECTRONICS-74LVC08A Datasheet
61Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
1996 REV 1
MC74LCX86 ONSEMI-MC74LCX86_12 Datasheet
157Kb / 7P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2012 ??Rev. 8
MC74LCX32 ONSEMI-MC74LCX32_12 Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input OR Gate
October, 2012 ??Rev. 8
74LVC86A ONSEMI-74LVC86A Datasheet
98Kb / 9P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2015 ??Rev. 0
74LVC125A ONSEMI-74LVC125A Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com