công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK672-442A-E bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device

tên linh kiện STK672-442A-E
Giải thích chi tiết về linh kiện  2-phase Stepping Motor Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-442A-E bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device

  STK672-442A-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-442A-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-442A-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-442A-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-442A-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-442A-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-442A-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-442A-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-442A-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
STK672-442A-E
No.A1587-2/21
Specifications
Absolute Maximum Ratings at Tc = 25
°C
Parameter
Symbol
Conditions
Ratings
unit
Maximum supply voltage 1
VCC max
No signal
52
V
Maximum supply voltage 2
VDD max
No signal
-0.3 to +6.0
V
Input voltage
VIN max
Logic input pins
-0.3 to +6.0
V
Output current 1
IOP max
10
μs, 1 pulse (resistance load)
20
A
Output current 2
IOH max
VDD=5V, CLOCK≥200Hz
3.5
A
Allowable power dissipation 1
PdMF max
With an arbitrarily large heat sink. Per MOSFET
8.3
W
Allowable power dissipation 2
PdPK max
No heat sink
2.8
W
Operating substrate temperature
Tc max
105
°C
Junction temperature
Tj max
150
°C
Storage temperature
Tstg
-40 to +125
°C
Allowable Operating Ranges at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
unit
Operating supply voltage 1
VCC
With signals applied
10 to 42
V
Operating supply voltage 2
VDD
With signals applied
5
±5%
V
Input high voltage
VIH
Pins 10, 11, 12, 13, 14, 15, 17
2.5 to VDD
V
Input low voltage
VIL
Pins 10, 11, 12, 13, 14, 15, 17
0 to 0.8
V
Output current
IOH
Tc=105
°C, CLOCK≥200Hz
3.0
A
CLOCK frequency
fCL
Minimum pulse width: at least 10
μs
0 to 50
kHz
Phase driver withstand voltage
VDSS
ID=1mA (Tc=25°C)
100min
V
Recommended operating
substrate temperature
Tc
No condensation
0 to 105
°C
Recommended Vref range
Vref
Tc=105
°C
0.2 to 1.8
V
Electrical Characteristics at Tc=25
°C, VCC=24V, VDD=5.0V *1
Parameter
Symbol
Conditions
min
typ
max
unit
VDD supply current
ICCO
VDD=5.0V, ENABLE=Low
5.7
7.0
mA
Output average current *2
Ioave
R/L=1
Ω/0.62mH in each phase
0.27
0.32
0.37
A
FET diode forward voltage
Vdf
If=1A (RL=23Ω)
1
1.6
V
Output saturation voltage
Vsat
RL=23Ω
0.25
0.38
V
VIH
Pins 10, 11, 12, 13, 14, 15, 17
2.5
VDD
V
Input voltage
VIL
Pins 10, 11, 12, 13, 14, 15, 17
-0.3
0.8
V
5V level input
current
IILH
Pins 10, 11, 12, 13, 14, 15, 17=5V
50
75
μA
Control
input pin
GND level input
current
IILL
Pins 10, 11, 12, 13, 14, 15, 17=GND
10
μA
Vref input bias current
IIB
Pin 19 =1.0V
10
15
μA
Output low voltage
VOLF
Pin 16 (IO=5mA)
0.25
0.5
V
FAULT1
pin
5V level leakage
current
IILF
Pin 16 =5V
10
μA
Overcurrent
detection output
voltage
VOF2
2.4
2.5
2.6
FAULT2
pin
Overheat
detection output
voltage
VOF3
Pin 8 (when all protection functions have
been activated)
3.1
3.3
3.5
V
Overheat detection temperature
TSD
Design guarantee
144
°C
PWM frequency
fc
41
48
55
kHz
Notes
*1: A fixed-voltage power supply must be used.
*2: The value for Ioave assumes that the lead frame of the product is soldered to the mounting circuit board.
Continued on next page.


Số phần tương tự - STK672-442A-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-442A-E SANYO-STK672-442A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-442A-E ONSEMI-STK672-442A-E Datasheet
151Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
More results

Mô tả tương tự - STK672-442A-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com