công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LVQ02SD bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC74LVQ02SD
Giải thích chi tiết về linh kiện  LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVQ02SD bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC74LVQ02SD Datasheet HTML 1Page - Motorola, Inc MC74LVQ02SD Datasheet HTML 2Page - Motorola, Inc MC74LVQ02SD Datasheet HTML 3Page - Motorola, Inc MC74LVQ02SD Datasheet HTML 4Page - Motorola, Inc MC74LVQ02SD Datasheet HTML 5Page - Motorola, Inc MC74LVQ02SD Datasheet HTML 6Page - Motorola, Inc MC74LVQ02SD Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74LVQ02
LCX DATA
BR1478
3
MOTOROLA
DYNAMIC SWITCHING CHARACTERISTICS (VCC = 3.3V)
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage (Note 1)
CL = 50pF, VIH = 3.3V, VIL = 0V
0.6
1.0
V
VOLV
Dynamic LOW Valley Voltage (Note 1)
CL = 50pF, VIH = 3.3V, VIL = 0V
–0.5
–1.0
V
VIHD
High Level Dynamic Input Voltage
(Note 2)
Input–Under–Test Switching 0V to Threshold,
f=1MHz
1.5
2.0
V
VILD
Low Level Dynamic Input Voltage
(Note 2)
Input–Under–Test Switching 3.3V to Threshold,
f=1MHz
1.5
0.8
V
1. Number of outputs defined as “n”. Measured with “n–1” outputs switching from HIGH–to–LOW. The remaining output is measured in the
LOW state.
2. Number of data inputs is defined as “n” switching, “n–1” inputs switching 0V to 3.3V.
AC CHARACTERISTICS (tR = tF = 2.5ns; CL = 50pF; RL = 500Ω)
Limits
TA = +25°C
TA = –40°C to +85°C
VCC = 3.0V to 3.6V
VCC = 2.7V
VCC = 3.0V to 3.6V
VCC = 2.7V
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Max
Max
Unit
tPLH
tPHL
Propagation Delay
Input to Output
2.0
1.5
7.0
5.0
9.5
8.0
2.0
1.5
7.5
5.5
11.0
9.0
2.0
1.0
10.0
8.5
11.5
9.5
ns
tOSHL
tOSLH
Output–to–Output Skew
(Note 1)
1.0
1.0
1.5
1.5
1.0
1.0
1.5
1.5
1.5
1.5
ns
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH–to–LOW (tOSHL) or LOW–to–HIGH (tOSLH); parameter
guaranteed by design.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CPD
Power Dissipation Capacitance
10MHz, VCC = 3.3V, VI = 0V or VCC
22
pF
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
4.5
pF


Số phần tương tự - MC74LVQ02SD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LVQ00 MOTOROLA-MC74LVQ00 Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
MC74LVQ00D MOTOROLA-MC74LVQ00D Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
MC74LVQ00DT MOTOROLA-MC74LVQ00DT Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
MC74LVQ00M MOTOROLA-MC74LVQ00M Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
MC74LVQ00SD MOTOROLA-MC74LVQ00SD Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
More results

Mô tả tương tự - MC74LVQ02SD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LCX02 MOTOROLA-MC74LCX02 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
STMicroelectronics
74LVQ02 STMICROELECTRONICS-74LVQ02_04 Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
1996 REV 1
MC74LCX02 ONSEMI-MC74LCX02_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Quad 2-Input NOR Gate
August, 2014 ??Rev. 10
logo
Motorola, Inc
MC74VQ02 MOTOROLA-MC74VQ02 Datasheet
103Kb / 7P
   LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE
logo
Texas Instruments
CD4001UBE TI1-CD4001UBE Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
CD4001UBM TI-CD4001UBM Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
CD4001UB TI1-CD4001UB_15 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad 2-input NOR Gate
logo
Fairchild Semiconductor
74LVQ02 FAIRCHILD-74LVQ02 Datasheet
64Kb / 6P
   Low Voltage Quad 2-Input NOR Gate
74LVQ02 FAIRCHILD-74LVQ02_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com