công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STL23NM60ND bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STL23NM60ND
Giải thích chi tiết về linh kiện  N-channel 600 V, 0.150 廓, 19.5 A, FDmesh??II Power MOSFET (with fast diode) PowerFLAT??(8x8) HV
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL23NM60ND bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STL23NM60ND Datasheet HTML 1Page - STMicroelectronics STL23NM60ND Datasheet HTML 2Page - STMicroelectronics STL23NM60ND Datasheet HTML 3Page - STMicroelectronics STL23NM60ND Datasheet HTML 4Page - STMicroelectronics STL23NM60ND Datasheet HTML 5Page - STMicroelectronics STL23NM60ND Datasheet HTML 6Page - STMicroelectronics STL23NM60ND Datasheet HTML 7Page - STMicroelectronics STL23NM60ND Datasheet HTML 8Page - STMicroelectronics STL23NM60ND Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
April 2010
Doc ID 17439 Rev 1
1/11
11
STL23NM60ND
N-channel 600 V, 0.150
Ω, 19.5 A, FDmesh™ II Power MOSFET
(with fast diode) PowerFLAT™ (8x8) HV
Features
The worldwide best RDS(on) * area amongst the
fast recovery diode devices
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
High dv/dt and avalanche capabilities
Application
Switching applications
Description
The FDmesh™ II series belongs to the second
generation of MDmesh™ technology. This
revolutionary Power MOSFET associates a new
vertical structure to the company's strip layout
and associates all advantages of reduced on-
resistance and fast switching with an intrinsic fast-
recovery body diode.It is therefore strongly
recommended for bridge topologies, in particular
ZVS phase-shift converters.
Figure 1.
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on) max
ID
STL23NM60ND
650 V
< 0.180
19.5 A(1)
1.
This value is rated according to Rthj-case.
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL23NM60ND
23NM60ND
PowerFLAT™ 8x8 HV
Tape and reel
www.st.com


Số phần tương tự - STL23NM60ND

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STL23NM50N STMICROELECTRONICS-STL23NM50N Datasheet
659Kb / 13P
   N-channel 500 V, 0.170 typ., 14 A MDmesh II Power MOSFET in a PowerFLAT 8x8 HV package
More results

Mô tả tương tự - STL23NM60ND

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STL13NM60N STMICROELECTRONICS-STL13NM60N Datasheet
835Kb / 14P
   N-channel 600 V, 0.320 廓, 10 A PowerFLAT??(8x8) HV MDmesh??II Power MOSFET
STL18NM60N STMICROELECTRONICS-STL18NM60N Datasheet
610Kb / 14P
   N-channel 600 V, 0.260 廓, 6 A PowerFLAT??8x8 HV MDmesh??II Power MOSFET
STL24NM60N STMICROELECTRONICS-STL24NM60N Datasheet
564Kb / 14P
   N-channel 600 V, 0.200 廓, 16 A PowerFLAT??8x8 HV MDmesh??II Power MOSFET
STX23NM60ND STMICROELECTRONICS-STX23NM60ND_10 Datasheet
820Kb / 18P
   N-channel 600 V, 0.150 廓, 19.5 A, FDmesh??II Power MOSFET (with fast diode) D짼PAK, I짼PAK, TO-220, TO-220FP, TO-247
STL26NM60N STMICROELECTRONICS-STL26NM60N Datasheet
697Kb / 14P
   N-channel 600 V, 0.160 廓, 19 A PowerFLAT??8x8 HV ultra low gate charge MDmesh??II Power MOSFET
STW55NM60ND STMICROELECTRONICS-STW55NM60ND Datasheet
147Kb / 9P
   N-channel 600 V - 0.047 廓 - 51 A TO-247 FDmesh??II Power MOSFET (with fast diode)
STL45N60DM6 STMICROELECTRONICS-STL45N60DM6 Datasheet
362Kb / 14P
   N-channel 600 V, 0.094 廓 typ., 25 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
July 2020
STW43NM60ND STMICROELECTRONICS-STW43NM60ND Datasheet
627Kb / 12P
   N-channel 600 V, 0.075 廓, 35 A TO-247 FDmesh??Power MOSFET (with fast diode
STB23NM60ND STMICROELECTRONICS-STB23NM60ND Datasheet
343Kb / 15P
   N-channel 600 V - 0.150 廓 - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmesh??II Power MOSFET
STL26N60DM6 STMICROELECTRONICS-STL26N60DM6 Datasheet
359Kb / 14P
   N-channel 600 V, 175 m廓 typ., 15 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com