công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LCX574SD bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC74LCX574SD
Giải thích chi tiết về linh kiện  LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX574SD bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC74LCX574SD Datasheet HTML 1Page - Motorola, Inc MC74LCX574SD Datasheet HTML 2Page - Motorola, Inc MC74LCX574SD Datasheet HTML 3Page - Motorola, Inc MC74LCX574SD Datasheet HTML 4Page - Motorola, Inc MC74LCX574SD Datasheet HTML 5Page - Motorola, Inc MC74LCX574SD Datasheet HTML 6Page - Motorola, Inc MC74LCX574SD Datasheet HTML 7Page - Motorola, Inc MC74LCX574SD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74LCX574
MOTOROLA
LCX DATA
BR1339 — REV 3
4
DC ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
II
Input Leakage Current
2.7V
≤ VCC ≤ 3.6V; 0V ≤ VI ≤ 5.5V
±5.0
µA
IOZ
3–State Output Current
2.7
≤ VCC ≤ 3.6V; 0V ≤ VO ≤ 5.5V;
VI = VIH or V IL
±5.0
µA
IOFF
Power–Off Leakage Current
VCC = 0V; VI or VO = 5.5V
10
µA
ICC
Quiescent Supply Current
2.7
≤ VCC ≤ 3.6V; VI = GND or VCC
10
µA
2.7
≤ VCC ≤ 3.6V; 3.6 ≤ VI or VO ≤ 5.5V
±10
µA
∆ICC
Increase in ICC per Input
2.7
≤ VCC ≤ 3.6V; VIH = VCC – 0.6V
500
µA
AC CHARACTERISTICS (tR = tF = 2.5ns; CL = 50pF; RL = 500Ω)
Limits
TA = –40°C to +85°C
VCC = 3.0V to 3.6V
VCC = 2.7V
Symbol
Parameter
Waveform
Min
Max
Min
Max
Unit
fmax
Clock Pulse Frequency
1
150
MHz
tPLH
tPHL
Propagation Delay
CP to On
1
1.5
1.5
8.5
8.5
1.5
1.5
9.5
9.5
ns
tPZH
tPZL
Output Enable Time to HIGH and LOW
Levels
2
1.5
1.5
8.5
8.5
1.5
1.5
9.5
9.5
ns
tPHZ
tPLZ
Output Disable Time from HIGH and
LOW Levels
2
1.5
1.5
6.5
6.5
1.5
1.5
7.0
7.0
ns
ts
Setup TIme, HIGH or LOW Dn to CP
1
2.5
2.5
ns
th
Hold TIme, HIGH or LOW Dn to CP
1
1.5
1.5
ns
tw
CP Pulse Width, HIGH or LOW
3
3.3
3.3
ns
tOSHL
tOSLH
Output–to–Output Skew
(Note 3.)
1.0
1.0
ns
3. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH–to–LOW (tOSHL) or LOW–to–HIGH (tOSLH); parameter
guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage (Note 4.)
VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V
0.8
V
VOLV
Dynamic LOW Valley Voltage (Note 4.)
VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V
0.8
V
4. Number of outputs defined as “n”. Measured with “n–1” outputs switching from HIGH–to–LOW or LOW–to–HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 3.3V, VI = 0V or VCC
7
pF
COUT
Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8
pF
CPD
Power Dissipation Capacitance
10MHz, VCC = 3.3V, VI = 0V or VCC
25
pF


Số phần tương tự - MC74LCX574SD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LCX574SD ONSEMI-MC74LCX574SD Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 2
More results

Mô tả tương tự - MC74LCX574SD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A_16 Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Motorola, Inc
MC74LCX374 MOTOROLA-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
logo
Motorola, Inc
MC74LVQ374 MOTOROLA-MC74LVQ374 Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX574 ONSEMI-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 2
MC74LCX374 ONSEMI-MC74LCX374_12 Datasheet
136Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Motorola, Inc
MC74LVQ574 MOTOROLA-MC74LVQ574 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374_14 Datasheet
96Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
September, 2014 ??Rev. 12
74LVT574 ONSEMI-74LVT574 Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVQ273 FAIRCHILD-74LVQ273 Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com