công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC74LCX574DW bảng dữ liệu(PDF) 1 Page - Motorola, Inc |
|
MC74LCX574DW bảng dữ liệu(HTML) 1 Page - Motorola, Inc |
1 / 8 page MOTOROLA SEMICONDUCTOR TECHNICAL DATA 1 REV 2 © Motorola, Inc. 1996 9/95 Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5V-Tolerant Inputs and Outputs (3-State, Non-Inverting) The MC74LCX574 is a high performance, non–inverting octal D–type flip–flop operating from a 2.7 to 3.6V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5V allows MC74LCX574 inputs to be safely driven from 5V devices. The MC74LCX574 consists of 8 edge–triggered flip–flops with individual D–type inputs and 3–state true outputs. The buffered clock and buffered Output Enable (OE) are common to all flip–flops. The eight flip–flops will store the state of individual D inputs that meet the setup and hold time requirements on the LOW–to–HIGH Clock (CP) transition. With the OE LOW, the contents of the eight flip–flops are available at the outputs. When the OE is HIGH, the outputs go to the high impedance state. The OE input level does not affect the operation of the flip–flops. The LCX574 flow through design facilitates easy PC board layout. • Designed for 2.7 to 3.6V VCC Operation • 5V Tolerant — Interface Capability With 5V TTL Logic • Supports Live Insertion and Withdrawal • IOFF Specification Guarantees High Impedance When VCC = 0V • LVTTL Compatible • LVCMOS Compatible • 24mA Balanced Output Sink and Source Capability • Near Zero Static Supply Current in All Three Logic States (10µA) Substantially Reduces System Power Requirements • Latchup Performance Exceeds 500mA • ESD Performance: Human Body Model >2000V; Machine Model >200V Pinout: 20–Lead (Top View) 19 20 18 17 16 15 14 2 1 34567 VCC 13 8 12 9 11 10 O0 O1 O2 O3 O4 O5 O6 O7 CP OE D0 D1 D2 D3 D4 D5 D6 D7 GND DW SUFFIX PLASTIC SOIC CASE 751D–04 DT SUFFIX PLASTIC TSSOP CASE 948E–02 20 1 20 1 M SUFFIX PLASTIC SOIC EIAJ CASE 967–01 20 1 SD SUFFIX PLASTIC SSOP CASE 940C–03 20 1 PIN NAMES Function Output Enable Input Clock Pulse Input Data Inputs 3–State Outputs Pins OE CP D0–D7 O0–O7 MC74LCX574 LOW–VOLTAGE CMOS OCTAL D–TYPE FLIP–FLOP |
Số phần tương tự - MC74LCX574DW |
|
Mô tả tương tự - MC74LCX574DW |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |