công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC07410LG bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện LC07410LG
Giải thích chi tiết về linh kiện  Monaural CODEC Audio I/F Video Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07410LG bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  LC07410LG Datasheet HTML 1Page - Sanyo Semicon Device LC07410LG Datasheet HTML 2Page - Sanyo Semicon Device LC07410LG Datasheet HTML 3Page - Sanyo Semicon Device LC07410LG Datasheet HTML 4Page - Sanyo Semicon Device LC07410LG Datasheet HTML 5Page - Sanyo Semicon Device LC07410LG Datasheet HTML 6Page - Sanyo Semicon Device LC07410LG Datasheet HTML 7Page - Sanyo Semicon Device LC07410LG Datasheet HTML 8Page - Sanyo Semicon Device LC07410LG Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
82510 SY / D0308 MS 20081010-S00002 No.A1345-1/36
LC07410LG
Overview
The LC07410LG is an IC that integrates a video driver with audio CODEC developed for digital still cameras and other
portable equipment. Incorporating 16-bit A/D and D/A converters as well as a microphone amplifier and speaker driver that
are necessary for audio recording and playback, the one-chip IC is ideal for use to create audio interfaces.
Functions
Audio Block
• ΔΣ method 16-bit monaural A/D and D/A converters
• Generates bias voltage (2.3V) for microphone
• Supports microphone amplifier
differential inputs (0/+20/+26dB)
• Amplifier with automatic level control (ALC)
(-14dB to +34dB) for recording system
• Wind cut HPF
• Two programmable digital filter
HSF/Notch filter/LPF/EQ
• Digital volume with
automatic level control (ALC) for playback system
Supports zerocross detection and soft switching
• Line output
On-chip MUTE and POP-noise suppression circuits
• Speaker driver
Supports VDDS = 5V (piezoelectric speaker supported)
BTL drive, rated output of 350mW at 8
Ω, VDDS = 3V
1W at 8
Ω, VDDS = 5V
Idling current adjustable
Supports BEEP input, volume level switchable
• Audio interfaces
I2S, Left-justified mode, Right-justified mode
• PLL
Input: 12MHz, 13.5MHz, 24MHz, 27MHz
Sampling frequency: 7.86kHz to 48kHz
PLL master mode/slave (EXT) mode
• Loopback: ADOUT to DAIN switch incorporated
Video Block
• DC direct coupling input/output
• Built-in 6th order low-pass filter (fc = 7.5MHz)
• Amplifier gain selectable (6dB or 12dB)
• Drive capacity 75Ω, 1 system
Continued on next page.
Ordering number : ENA1345A
CMOS IC
Monaural CODEC + Audio I/F + Video Driver


Số phần tương tự - LC07410LG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC074146LP SANYO-LC074146LP Datasheet
529Kb / 31P
   CMOS IC Monaural CODECAudio I/F Video driver IC
More results

Mô tả tương tự - LC07410LG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC0710LG SANYO-LC0710LG Datasheet
432Kb / 36P
   Monaural CODEC Audio I/F Video Driver
LC074146LP SANYO-LC074146LP Datasheet
529Kb / 31P
   CMOS IC Monaural CODECAudio I/F Video driver IC
logo
Asahi Kasei Microsystem...
AK4571 AKM-AK4571 Datasheet
309Kb / 54P
   USB I/F Audio CODEC
logo
Rohm
BU7812KN ROHM-BU7812KN Datasheet
299Kb / 5P
   Monaural audio interface with CODEC
logo
YAMAHA CORPORATION
YMF753 YAMAHA-YMF753 Datasheet
185Kb / 26P
   AC97 Revision2.2 Audio CODEC with Digital Audio I/F
logo
Sanyo Semicon Device
LC07424LP SANYO-LC07424LP Datasheet
637Kb / 32P
   CMOS IC Audio CODEC with Video Driver
LC07422T SANYO-LC07422T Datasheet
105Kb / 10P
   CMOS IC Audio CODEC with Video Driver
logo
Rohm
BU26154MUV ROHM-BU26154MUV_15 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
logo
YAMAHA CORPORATION
YMF743 YAMAHA-YMF743 Datasheet
170Kb / 24P
   AC??7 Revsion2.1 Audio CODEC with Digital Audio I/F
logo
Intersil Corporation
TW2819 INTERSIL-TW2819 Datasheet
116Kb / 2P
   Multichannel H.264 Audio/Video Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com