công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11872H bảng dữ liệu(PDF) 9 Page - Sanyo Semicon Device

tên linh kiện LB11872H
Giải thích chi tiết về linh kiện  For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11872H bảng dữ liệu(HTML) 9 Page - Sanyo Semicon Device

Back Button LB11872H Datasheet HTML 3Page - Sanyo Semicon Device LB11872H Datasheet HTML 4Page - Sanyo Semicon Device LB11872H Datasheet HTML 5Page - Sanyo Semicon Device LB11872H Datasheet HTML 6Page - Sanyo Semicon Device LB11872H Datasheet HTML 7Page - Sanyo Semicon Device LB11872H Datasheet HTML 8Page - Sanyo Semicon Device LB11872H Datasheet HTML 9Page - Sanyo Semicon Device LB11872H Datasheet HTML 10Page - Sanyo Semicon Device LB11872H Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LB11872H
No.7257-9/11
LB11920 Description
1. Speed Control Circuit
This IC adopts a PLL speed control technique and provides stable motor operation with high precision and low jitter.
This PLL circuit compares the phase error at the edges of the CLK signal (falling edges) and FG signal (rising edges
(low to high transitions) on the IN1 input), and the IC uses the detected error to control the motor speed.
During this control operation, the FG servo frequency will be the same as the CLK frequency.
fFG (servo) = fCLK
2. Output Drive Circuit
To minimize motor noise, this IC adopts three-phase full-wave current linear drive. This IC also adopts a midpoint
control technique to prevent ASO destruction of the output transistors.
Reverse torque braking is used during motor deceleration during speed switching and lock pull-in. In stop mode, the
drive is cut and the motor is left in the free-running state.
Since the output block may oscillate depending on the motor actually used, capacitors (about 0.1
μF) must be inserted
between the OUT pins and ground.
3. Hall Input Signals
This IC includes an AGC circuit that minimizes the influence on the output of changes in the Hall signal input
amplitudes due to the motor used. However, note that if there are discrepancies in the input amplitudes between the
individual phases, discrepancies in the output phase switching timing may occur.
An amplitude (differential) of at least 50mVp-p is required in the Hall input signals. However, if the input amplitude
exceeds 350mVp-p, the AGC circuit control range will be exceeded and kickback may occur in the output.
If Hall signal input frequencies in excess of 1kHz (the frequency in a single Hall input phase) are used, internal IC
heating during startup and certain other times (that is, when the output transistors are saturated) may increase.
Reducing the number of magnetic poles can be effective in dealing with problem.
The IN1 Hall signal is used as the FG signal for speed control internally to the IC. Since noise can easily become a
problem, a capacitor must be inserted across this input. However, since this could result in differences between the
signal amplitudes of the three phases, capacitors must be inserted across all of the three input phases.
Although VCC can be used as the Hall element bias power supply, using VREG can reduce the chances of problems
occurring during noise testing and at other times. If VREG is used, since there is no longer any need to be concerned
with the upper limit of the Hall amplifier common-mode input voltage range, bias setting resistors may be used only on
the low side.
4. Power Saving Circuit
This IC goes into a power saving state that reduces the current drain in the stop state. The power saving state is
implemented by removing the bias current from most of the circuits in the IC. However, the 6.3V regulator output is
provided in the power saving state.
5. Reference Clock
Care must be taken to assure that no chattering or other noise is present on the externally input clock signal. Although
the input circuit does have hysteresis, if problems do occur, the noise must be excluded with a capacitor.
This IC includes an internal clock cutoff protection circuit. If a signal with a frequency below that given by the formula
below is input, the IC will not perform normal control, but rather will operate in intermittent drive mode.
f (Hz)
≈ 0.64 ÷ CCSD CCSD (μF) : The capacitor inserted between the CSD pin and ground.
When a capacitor of 0.022
μF is used, the frequency will be about 29Hz.
If the IC is set to the start state when the reference clock signal is completely absent, the motor will turn somewhat and
then motor drive will be shut off. After the motor stops and the rotor constraint protection time elapses, drive will not be
restarted, even if the clock signal is then reapplied. However, drive will restart if the clock signal is reapplied before the
rotor constraint protection time elapses.


Số phần tương tự - LB11872H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
logo
ON Semiconductor
LB11872H ONSEMI-LB11872H Datasheet
126Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
More results

Mô tả tương tự - LB11872H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
Rohm
BD67929EFV ROHM-BD67929EFV Datasheet
280Kb / 15P
   Three-phase Brushless Motor Driver for Polygonal Mirrors
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com