công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11620T bảng dữ liệu(PDF) 3 Page - Sanyo Semicon Device

tên linh kiện LB11620T
Giải thích chi tiết về linh kiện  Brushless Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11620T bảng dữ liệu(HTML) 3 Page - Sanyo Semicon Device

  LB11620T Datasheet HTML 1Page - Sanyo Semicon Device LB11620T Datasheet HTML 2Page - Sanyo Semicon Device LB11620T Datasheet HTML 3Page - Sanyo Semicon Device LB11620T Datasheet HTML 4Page - Sanyo Semicon Device LB11620T Datasheet HTML 5Page - Sanyo Semicon Device LB11620T Datasheet HTML 6Page - Sanyo Semicon Device LB11620T Datasheet HTML 7Page - Sanyo Semicon Device LB11620T Datasheet HTML 8Page - Sanyo Semicon Device LB11620T Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LB11620T
No.A0662-3/11
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
EI+ pin
Input bias current
IB (CTL)
-1
1
µA
Common-mode input voltage range
VICM
0
VREG-1.7
V
Input voltage 1
VCTL1
Output duty 100%
3.0
V
Input voltage 2
VCTL2
Output duty 0%
1.35
V
Input voltage 1L
VCTL1L
Design target value.
When VREG = 4.7V, 100%
2.82
V
Input voltage 2L
VCTL2L
Design target value.
When VREG = 4.7V, 0%
1.29
V
Input voltage 1H
VCTL1H
Design target value.
When VREG = 5.3V, 100%
3.18
V
Input voltage 2H
VCTL2H
Design target value.
When VREG = 5.3V, 0%
1.44
V
HP pin
Output saturation voltage
VHPL
IO = 10mA
0.2
0.5
V
Output leakage current
IHPleak
VO = 18V
10
µA
CSD oscillator (CSD pin)
High-level output voltage
VOH (CSD)
2.7
3.0
3.3
V
Low-level output voltage
VOL (CSD)
0.7
1.0
1.3
V
External capacitor charge current
ICHG1
VCSD = 2V
-3.15
-2.5
-1.85
µA
External capacitor discharge current
ICHG2
VCSD = 2V
0.1
0.14
0.18
µA
Charge/discharge current ratio
RCSD
Charge current /discharge current
15
18
21
Times
RD pin
Low-level output voltage
VRDL
IO = 10mA
0.2
0.5
V
Output leakage current
IL (RD)
VO = 18V
10
µA
Current limiter circuit (RF pin)
Limiter voltage
VRF
RF-GND
0.225
0.25
0.275
V
PWMIN pin
Input frequency
f (PI)
50
kHz
High-level input voltage
VIH (PI)
2.0
VREG
V
Low-level input voltage
VIL (PI)
0
1.0
V
Input open voltage
VIO (PI)
VREG-0.5
VREG
V
Hysteresis
VIS (PI)
0.2
0.25
0.4
V
High-level input current
IIH (PI)
VPWMIN = VREG
-10
0
10
µA
Low-level input current
IIL (PI)
VPWMIN = 0V
-130
-90
µA
F/R pin
High-level input voltage
VIH (FR)
2.0
VREG
V
Low-level input voltage
VIL (FR)
0
1.0
V
Input open voltage
VIO (FR)
VREG-0.5
VREG
V
Hysteresis
VIS (FR)
0.2
0.25
0.4
V
High-level input current
IIH (FR)
-10
0
10
µA
Low-level input current
IIL (FR)
-130
-90
µA
N1 pin
High-level input voltage
VIH (N1)
2.0
VREG
V
Low-level input voltage
VIL (N1)
0
1.0
V
Input open voltage
VIO (N1)
VREG-0.5
VREG
V
High-level input current
IIH (N1)
VN1 = VREG
-10
0
10
µA
Low-level input current
IIL (N1)
VN1 = 0V
-130
-100
µA


Số phần tương tự - LB11620T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
   Monolithic Digital IC Brushless Motor Driver
logo
ON Semiconductor
LB11620T ONSEMI-LB11620T Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
LB11620T ONSEMI-LB11620T Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
More results

Mô tả tương tự - LB11620T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
AN8261 PANASONIC-AN8261 Datasheet
48Kb / 4P
   Brushless Motor Driver
logo
ON Semiconductor
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1672NM SANYO-LB1672NM Datasheet
97Kb / 4P
   Brushless-Sensorless Motor Driver
LB1674V SANYO-LB1674V Datasheet
240Kb / 6P
   Brushless, Sensorless Motor Driver
logo
List of Unclassifed Man...
MOT-BL-DRV-120 ETC-MOT-BL-DRV-120 Datasheet
303Kb / 1P
   Brushless Motor Driver 120W
logo
Sanyo Semicon Device
LB1674M SANYO-LB1674M Datasheet
111Kb / 6P
   Brushless, Sensorless Motor Driver?
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
Sanyo Semicon Device
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
   VCR Capstan Motor Brushless Motor Driver
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com