công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LB11600JV bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device |
|
LB11600JV bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device |
1 / 30 page Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer 's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer 's products or equipment. Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment. The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for new introduction or other application different from current conditions on the usage of automotive device, communication device, office equipment, industrial equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. 82511 SY/D2706 MS IM 20060831-S00005 / 92706 / D0205 MH OT B8-8935 No.8321-1/30 LB11600JV Overview The LB11600JV is a direct PWM drive predriver IC appropriate for 3-phase power brushless motors in automotive applications. This IC can implement either high side PWM drive or low side PWM drive motor driver circuits depending on the configuration of the output circuits, which use discrete transistors such as MOSFETs or bipolar transistors. In addition to a full complement of protection functions, including overcurrent, thermal, motor constraint, and undervoltage protection, the LB11600JV also provides an integrated speed control function. Thus the LB11600JV can implement high reliability/high functionality drive circuits. Functions • Three-phase bipolar drive (UH, VH, and WH pins, PWM control) • Forward/reverse switching circuit • Overcurrent protection circuit • Undervoltage protection circuit • Motor constraint protection circuit • Thermal protection circuit • Speed control circuit Specifications Absolute Maximum Ratings at Ta = 25 °C Parameter Symbol Conditions Rated value Unit Supply voltage VCC max VCC Pin 14.5 V Output Circuit current IO max UL, VL, WL, UH, VH, and WH pins 40 mA Allowable power dissipation Pd max Independent IC 0.5 W Operating temperature Topr -40 to 100 °C Storage temperature Tstg -55 to 150 °C Ordering number : EN8321B Monolithic Digital IC Brushless Motor Predriver IC for Automotive Applications |
Số phần tương tự - LB11600JV |
|
Mô tả tương tự - LB11600JV |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |