công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BZW03 bảng dữ liệu(PDF) 4 Page - Vishay Siliconix |
|
BZW03 bảng dữ liệu(HTML) 4 Page - Vishay Siliconix |
4 / 5 page www.vishay.com 4 Document Number 85602 Rev. 1.5, 26-Aug-10 BZW03-Series Vishay Semiconductors For technical questions within your region, please contact one of the following: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com Typical Characteristics (Tamb = 25 °C, unless otherwise specified) Package Dimensions in millimeters (inches): SOD-64 Figure 1. Epoxy Glass Hard Tissue, Board Thickness 1.5 mm, RthJA ≤ 70 K/W Figure 2. Total Power Dissipation vs. Ambient Temperature 37.5 50 3 2 50 7 94 9087 0 0 2 4 6 8 95 9608 40 80 120 160 Tamb –Ambient Temperature ( °C ) 200 ll TL=constant l=10mm see Fig.1 15mm 20mm Figure 3. Forward Current vs. Forward Voltage Figure 4. Non Repetitive Surge Power Dissipation vs. Pulse Length 0 0.5 1.0 1.5 0 1 2 3 4 6 2.0 95 9609 VF – Forward Voltage ( V ) 5 Tj=25°C 0.01 0.1 1 10 10 100 1000 10 000 tp –Pulse Length ( ms ) 100 95 9610 tp Tj=25°C Cathode Identification 4.3 (0.168)max. 1.35 (0.053) max. 4 (0.156) max. Sintered Glass Case SOD-64 26(1.014) min. 26 (1.014) min. Document-No.: 6.563-5006.4-4 Rev. 3 - Date: 09.February.2005 94 9587 |
Số phần tương tự - BZW03 |
|
Mô tả tương tự - BZW03 |