công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BYT62 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện BYT62
Giải thích chi tiết về linh kiện  Standard Avalanche Sinterglass Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT62 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  BYT62_10 Datasheet HTML 1Page - Vishay Siliconix BYT62_10 Datasheet HTML 2Page - Vishay Siliconix BYT62_10 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Standard Avalanche Sinterglass Diode
BYT62
Vishay Semiconductors
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 86033
156
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Rev. 1.7, 25-Aug-10
MECHANICAL DATA
Case: SOD-57
Terminals: plated axial leads, solderable per MIL-STD-750,
method 2026
Polarity: color band denotes cathode end
Mounting position: any
Weight: approx. 369 mg
FEATURES
• Glass passivated junction
• Hermetically sealed package
• Controlled avalanche characteristics
• Low reverse current
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21
definition
APPLICATIONS
• High voltage rectification diode
949539
PARTS TABLE
PART
TYPE DIFFERENTIATION
PACKAGE
BYT62
VR = 2400 V; IFAV = 350 mA
SOD-57
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage = repetitive peak reverse
voltage
See electrical characteristics
VR = VRRM
2400
V
Peak forward surge current
tp = 10 ms, half sine wave
IFSM
10
A
Average forward current
RthJA
≤ 60 K/W
IFAV
350
mA
Non repetitive reverse avalanche energy
I(BR)R = 1 A, inductive load
ER
60
mJ
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 55 to + 190
°C
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
Lead length l = 10 mm, TL = constant
RthJA
60
K/W
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX
UNIT
Forward voltage
IF = 200 mA
VF
--
3
V
IF = 1 A
VF
--
3.6
V
IF = 1 A, Tj = 175 °C
VF
--
2.9
V
IF = 1 A, Tj = - 40 °C
VF
--
4
V
Reverse current
VR = VRRM
IR
--
5
μA
VR = VRRM, Tj = 175 °C
IR
-
-
250
μA
VR = VRRM, Tj = - 40 °C
IR
-
-
400
nA
Reverse breakdown voltage
IR = 100 μA
V(BR)R
2500
-
-
V
Reverse recovery time
lF = 0.5 A, lR = 1 A, iR = 0.25 A
trr
--
5
μs


Số phần tương tự - BYT62_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EIC discrete Semiconduc...
BYT62A EIC-BYT62A Datasheet
148Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED AVALANCHE DIODE
Rev. 01:December 11, 2012
BYT62S-Q EIC-BYT62S-Q Datasheet
737Kb / 2P
   GLASS PASSIVATED AVALANCHE DIODE
Rev. 01 : March 03, 2021
logo
Vishay Siliconix
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
More results

Mô tả tương tự - BYT62_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
   Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
1N5059 VISHAY-1N5059_15 Datasheet
130Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 12-Sep-12
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 25-Aug-10
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 12-Sep-12
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com