công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA5693M bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện LA5693M
Giải thích chi tiết về linh kiện  with Watchdog Timer Voltage Regulator Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5693M bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  LA5693M Datasheet HTML 1Page - Sanyo Semicon Device LA5693M Datasheet HTML 2Page - Sanyo Semicon Device LA5693M Datasheet HTML 3Page - Sanyo Semicon Device LA5693M Datasheet HTML 4Page - Sanyo Semicon Device LA5693M Datasheet HTML 5Page - Sanyo Semicon Device LA5693M Datasheet HTML 6Page - Sanyo Semicon Device LA5693M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
70908 MS/D0597HA (KT)/8199YT/4268TA, TS No.2769-1/7
LA5693D
LA5693M
Overview
The LA5693D and LA5693M is a single-chip voltage regulator for microcomputer system monitor use that performs the
functions of 5V output voltage control, watchdog timer, and voltage detector. Since the LA5693D and LA5693M can hold
the reset output, it is especially suited for use in peripheral control and monitor output applications (example: valves used
in refrigeration equipment, hot water supply system).
Features
• An external PNP transistor can be used to provide a low-saturation voltage regulator.
• Since the CK input has no edge detector, a high degree of flexibility is allowed in applications.
• Variable detection voltage.
• The watchdog time can be made longer.
Functions
• Output voltage 5V control.
• Watchdog timer.
• Power-ON reset function.
• Reset hold output [RES (2)] (Cleared with CK re-input).
Applications
• Microcomputer system for car equipment, refrigeration/heating equipment, office automation equipment.
Monolithic Linear IC
with Watchdog Timer
Voltage Regulator Driver
Ordering number : EN2769D


Số phần tương tự - LA5693M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA5693M SANYO-LA5693M Datasheet
322Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
LA5693MD SANYO-LA5693MD Datasheet
283Kb / 7P
   Monolithic Linear IC with Watchdog Timer Voltage Regulator Driver
More results

Mô tả tương tự - LA5693M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA5693AM SANYO-LA5693AM Datasheet
609Kb / 7P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D Datasheet
322Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
LA5690D SANYO-LA5690D Datasheet
131Kb / 5P
   Voltage Regulator Driver with Watchdog Timer
LA5692D SANYO-LA5692D Datasheet
351Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
Sanyo Semicon Device
LA5693MD SANYO-LA5693MD Datasheet
283Kb / 7P
   Monolithic Linear IC with Watchdog Timer Voltage Regulator Driver
logo
Toshiba Semiconductor
TA8005S TOSHIBA-TA8005S Datasheet
293Kb / 9P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8042F TOSHIBA-TA8042F Datasheet
389Kb / 6P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com