công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA1787NM bảng dữ liệu(PDF) 3 Page - Sanyo Semicon Device

tên linh kiện LA1787NM
Giải thích chi tiết về linh kiện  Single-Chip Car Radio System IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1787NM bảng dữ liệu(HTML) 3 Page - Sanyo Semicon Device

  LA1787NM Datasheet HTML 1Page - Sanyo Semicon Device LA1787NM Datasheet HTML 2Page - Sanyo Semicon Device LA1787NM Datasheet HTML 3Page - Sanyo Semicon Device LA1787NM Datasheet HTML 4Page - Sanyo Semicon Device LA1787NM Datasheet HTML 5Page - Sanyo Semicon Device LA1787NM Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LA1787NM
No.A0229-3/6
Continued from preceding page.
Switch settings
Ratings
Parameter
Symbol
Conditions
123456789
10
min
typ
max
Unit
HCC output
attenuation (1)
AttHCC-1
10.7MHz, 100dB
µ, 10kHz,
L+R = 90%, pilot = 10%,
V29 = 3V
→0.6V, pin 15
ON
B OFF B
ON OFF OFF ON
0.5
4.5
8.5
dB
HCC output
attenuation (2)
AttHCC-2
10.7MHz, 100dB
µ, 10kHz,
L+R = 90%, pilot = 10%,
V29 = 3V
→0.1V, pin 15
ON
B OFF B
ON OFF OFF ON
6
10
14
dB
Input limiting
voltage
Vi-lim
100dB
µ, 10.7MHz, 30% modulation
The IF input such that the output is
-3dB down referenced to the input
ON
B OFF B
ON OFF OFF ON ON
33
40
47
dB
µ
Muting
sensitivity
Vi-mute
The IF input level when V33 = 2V,
no modulation
ON
B OFF B
ON OFF OFF ON
27
35
43
dB
µ
SD sensitivity
(1)
SD-sen1FM
The IF input such that the IF counter
buffer output goes to the on state
(100mVrms or higher)
ON
B OFF B OFF OFF OFF OFF ON
54
62
70
dB
µ
SD sensitivity
(2)
SD-sen2FM
The IF input such that the SD pin goes
to the on state, no modulation
ON
B OFF B
ON OFF OFF OFF ON
54
62
70
dB
µ
IF counter buffer
output
VIFBUFF-FM 10.7MHz, 100dBµ, no modulation,
The pin 23 output
ON
B OFF B OFF OFF OFF OFF ON
130
200
270 mVrms
VSMFM-1
No input, the pin 24 DC output,
no modulation
ON
B OFF B
OFF OFF OFF ON
0.0
0.1
0.3
V
VSMFM-2
50dB
µ, the pin 24 DC output,
no modulation
ON
B OFF B
OFF OFF OFF ON
0.4
1.0
1.5
V
VSMFM-3
70dB
µ, the pin 24 DC output,
no modulation
ON
B OFF B
OFF OFF OFF ON
2.0
2.7
3.5
V
S-meter output
VSMFM-4
100dB
µ, the pin 24 DC output,
no modulation
ON
B OFF B
OFF OFF OFF ON
4.7
5.5
6.2
V
Muting
attenuation
BW-mute
100dBµ, the bandwidth when V33 =
2V, no modulation
ON
B OFF B
OFF OFF OFF ON
150
220
290
kHz
Muting drive
output
VMUTE-100 100dBµ, 0dBµ, the pin 33 DC output,
no modulation
ON
B OFF B
OFF OFF OFF ON
0.00
0.03
0.20
V
FM Front End Mixer Input
N-AGC on input
VNAGC
83MHz no modulation, the input such
that pin 2 becomes 2.0V or lower
ON
A
ON
B
ON OFF OFF
81
88
95
dB
µ
W-AGC on
input
VWAGC
83MHz no modulation, the input such
that pin 2 becomes 2.0V or lower
(when the keyed AGC is 4.0V)
ON
A
ON
B
ON OFF OFF
104
110
116
dB
µ
Conversion gain
A. V
83MHz, 80dBµ, no modulation, the
FE CF output
ON
A
ON
B
ON OFF OFF
19
30
48 mVrms
Oscillator buffer
output
VOSCBUFFFM No input
ON
A
ON
B
ON OFF OFF
85
110
165 mVrms
Noise Canceller Block - NC Input (pin 30)
Gate time
τ GATE
f = 1kHz, 1
µs, with a 100mVp-o pulse
input
ON
OFF A
ON OFF OFF
55
µs
Noise sensitivity
SN
The 1kHz 1
µs pulse input level such
that noise canceller operation starts
ON
OFF A
ON OFF OFF
40
mVp-o
Noise canceller
effect
SN-NC
The pulse exclusion effect due to
noise canceller operation.
Repetition frequency for a 1
µs pulse.
The ratio of the FM mode pin 15
output referenced to the pin 15 output
in 10kHz 150mVp-o AM mode.
ON/
OFF
OFF A
ON OFF OFF
5
Multipath Rejection Circuit - MRC Input (pin 27)
MRC output
VMRC
V24 = 5V
ON
OFF B
ON OFF OFF
2.2
2.3
2.4
V
MRC operating
level
MRC-ON
The pin 32 input level such that pin 24
= 5V and pin 27 = 2V, f = 70kHz
ON
OFF B
ON OFF OFF
10
15
20 mVrms
AM Characteristics - ANT IN input
Practical
sensitivity
S/N-30
1MHz, 30dBµ, fm = 1kHz,
30% modulation, pin 15
OFF
OFF B
ON ON
20
dB
Detection output
VO-AM
1MHz, 74dBµ, fm = 1kHz,
30% modulation, pin 15
OFF
OFF B
ON ON
130
195
270 mVrms
Continued on next page.


Số phần tương tự - LA1787NM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA1787NM SANYO-LA1787NM Datasheet
326Kb / 6P
   Single-Chip Car Radio System IC
LA1787NM SANYO-LA1787NM_09 Datasheet
326Kb / 6P
   Single-Chip Car Radio System IC
More results

Mô tả tương tự - LA1787NM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA1787NM SANYO-LA1787NM_09 Datasheet
326Kb / 6P
   Single-Chip Car Radio System IC
LA1867NM SANYO-LA1867NM Datasheet
941Kb / 32P
   Car Radio Single-Chip Tuner System
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
LV25700PM SANYO-LV25700PM Datasheet
751Kb / 68P
   For Car Radio Single chip Tuner IC
LV25200M SANYO-LV25200M Datasheet
522Kb / 45P
   Bi-CMOS IC Single chip Tuner IC for Car Radio
logo
Toshiba Semiconductor
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
   CAR RADIO AM TUNER ONE CHIP AM SYSTEM
logo
STMicroelectronics
TDA7512F STMICROELECTRONICS-TDA7512F Datasheet
633Kb / 45P
   FM car-radio tuner IC with intelligent selectivity system (ISS)
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com