công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA1781M bảng dữ liệu(PDF) 4 Page - Sanyo Semicon Device

tên linh kiện LA1781M
Giải thích chi tiết về linh kiện  For Car Radios Single-Chip Tuner IC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1781M bảng dữ liệu(HTML) 4 Page - Sanyo Semicon Device

  LA1781M_09 Datasheet HTML 1Page - Sanyo Semicon Device LA1781M_09 Datasheet HTML 2Page - Sanyo Semicon Device LA1781M_09 Datasheet HTML 3Page - Sanyo Semicon Device LA1781M_09 Datasheet HTML 4Page - Sanyo Semicon Device LA1781M_09 Datasheet HTML 5Page - Sanyo Semicon Device LA1781M_09 Datasheet HTML 6Page - Sanyo Semicon Device LA1781M_09 Datasheet HTML 7Page - Sanyo Semicon Device LA1781M_09 Datasheet HTML 8Page - Sanyo Semicon Device LA1781M_09 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
LA1781M
No.6038-4/48
Package Dimensions
unit : mm (typ)
3159A
Function List
1. FM Front End (Equivalent to the Sanyo LA1193)
4. Multiplex Functions
(1) Double input type double balanced mixer
(1) Adjustment-free VCO circuit
(2) Pin diode drive AGC output
(2) Level follower type pilot canceller circuit
(3) MOSFET second gate drive AGC output
(3) HCC (high cut control)
(4) Keyed AGC adjustment pin
(4) Automatic stereo/mono switching
(5) Differential IF amplifier
(5) VCO oscillation stop function (AM mode)
(6) Wide band AGC sensitivity setting pin, and narrow
(6) Forced monaural
band AGC sensitivity setting pin
(7) SNC (stereo noise controller)
(7) Local oscillator
(8) Stereo display pin
(9) Anti-birdie filter
2. FM IF
(1) IF limiter amplifier
5. AM
(2) S-meter output (also used for AM) 6-stage pickup
(1) Double balanced mixer (1st, 2nd)
(3) Multipath detection pin (shared FM signal meter)
(2) IF amplifier
(4) Quadrature detection
(3) Detection
(5) AF preamplifier
(4) RF AGC (narrow/wide)
(6) AGC output
(5) Pin diode drive pin
(7) Band muting
(6) IF AGC
(8) Weak input muting
(7) Signal meter output (also used for FM)
(9) Soft muting adjustment pin
(8) Local oscillator circuits (first and second)
(10) Muting attenuation adjustment pin
(9) Local oscillator buffer output
(11) IF counter buffer output (also used for AM)
(10) IF counter buffer output (also used by the FM IF)
(12) SD (IF counter buffer on level) adjustment pin
(11) SD (IF counter buffer on level) adjustment pin
(13) SD output (active high) (also used for AM)
(12) SD output (active high) (also used for AM)
(13) Wide AGC
3. Noise Canceller
(14) Detection output frequency characteristics
(1) High-pass filter (first order)
adjustment pin (low cut, high deemphasis)
(2) Delay circuit based low-pass filter (fourth order)
(15) AM stereo buffer
(3) Noise AGC
(4) Pilot signal compensation circuit
6. MRC (multipath noise rejection circuit)
(5) Noise sensitivity setting pin
(6) Function for disabling the noise canceller in AM
7. AM/FM switching output (linked to the FM VCC)
mode
SANYO : QIP64E(14X14)
14.0
17.2
0.15
0.35
0.8
(1.0)
116
17
32
33
48
49
64
Pd max -- Ta
0
400
300
600
500
800
900
950
700
200
100
1000
--40
--20
80
60
20
40
0
100
Ambient temperature, Ta --
°C
Mounted on a specified board :
40
× 80 × 1.3mm3
glass epoxy board
Independent IC


Số phần tương tự - LA1781M_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
More results

Mô tả tương tự - LA1781M_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
LA1895M SANYO-LA1895M Datasheet
139Kb / 4P
   Single-Chip Tuner IC for Car Radios
logo
Silan Microelectronics ...
SA1787 SILAN-SA1787 Datasheet
1Mb / 19P
   SINGLE-CHIP TUNER IC FOR CAR RADIOS
logo
Sanyo Semicon Device
LA1776M SANYO-LA1776M_09 Datasheet
544Kb / 41P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M_09 Datasheet
600Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1784M SANYO-LA1784M Datasheet
568Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com