công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L79M00T bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện L79M00T
Giải thích chi tiết về linh kiện  ?? to ??2V 0.5A 3-Pin Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

L79M00T bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  L79M00T_09 Datasheet HTML 1Page - Sanyo Semicon Device L79M00T_09 Datasheet HTML 2Page - Sanyo Semicon Device L79M00T_09 Datasheet HTML 3Page - Sanyo Semicon Device L79M00T_09 Datasheet HTML 4Page - Sanyo Semicon Device L79M00T_09 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Monolithic Linear IC
–5 to –12V 0.5A 3-Pin Voltage Regulators
Ordering number:ENN2605B
L79M00T Series
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
D1599TH (KT)/D218YT/9237KI/7247TA, TS No.2605–1/5
Package Dimensions
unit:mm
3110
[L79M00T Series]
1 : COMMON
2 : INPUT
3 : OUTPUT
SANYO : TP-3H
Features
• Output voltage
L79M05T : –5V L79M06T : –6V
L79M08T : –8V
L79M09T : –9V L79M10T : –10V L79M12T : –12V
• 500mA output.
• Small-sized power package TP-3H permitting the equip-
ment to be made compact.
• The allowable power dissipation can be increased by be-
ing surface-mounted on the board.
• Capable of being mounted in a variety of methods be-
cause of various lead forming versions available.
• On-chip protectors (overcurrent limiter, ASO protector,
thermal protector).
• Can meet tape-used automatic mounting requirements.
Equivalent Circuit
12
3
6.5
2.3
0.5
1.2
0.5
0.5
0.6
2.6
2.6
5.0


Số phần tương tự - L79M00T_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
L79M00T SANYO-L79M00T Datasheet
140Kb / 5P
   -5 to -12V 0.5A 3-Pin Voltage Regulators
More results

Mô tả tương tự - L79M00T_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
L78M00T SANYO-L78M00T_10 Datasheet
58Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
L78M00T SANYO-L78M00T Datasheet
230Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
L79M00T SANYO-L79M00T Datasheet
140Kb / 5P
   -5 to -12V 0.5A 3-Pin Voltage Regulators
L78MR00 SANYO-L78MR00 Datasheet
295Kb / 10P
   5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function?
L78MR00 SANYO-L78MR00_10 Datasheet
304Kb / 10P
   5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function
logo
Toshiba Semiconductor
TA78M05S TOSHIBA-TA78M05S Datasheet
679Kb / 20P
   0.5A THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA78M05SB TOSHIBA-TA78M05SB Datasheet
631Kb / 19P
   0.5A THREE TERMINAL PLSITIVE VOLTAGE REGULATORS
TA78M05F TOSHIBA-TA78M05F Datasheet
669Kb / 20P
   0.5A THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Panasonic Semiconductor
AN78M00 PANASONIC-AN78M00 Datasheet
70Kb / 9P
   3-pin Positive Output Voltage Regulators 500mA Type
AN79M00 PANASONIC-AN79M00 Datasheet
70Kb / 9P
   3-pin Negative Output Voltage Regulators 500mA Type
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com