công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L78MS05J bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện L78MS05J
Giải thích chi tiết về linh kiện  5V Constant-Voltage Power Supply with Strobe Line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

L78MS05J bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  L78MS05J_06 Datasheet HTML 1Page - Sanyo Semicon Device L78MS05J_06 Datasheet HTML 2Page - Sanyo Semicon Device L78MS05J_06 Datasheet HTML 3Page - Sanyo Semicon Device L78MS05J_06 Datasheet HTML 4Page - Sanyo Semicon Device L78MS05J_06 Datasheet HTML 5Page - Sanyo Semicon Device L78MS05J_06 Datasheet HTML 6Page - Sanyo Semicon Device L78MS05J_06 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
92706 / 10606 MS OT B8-5886 No.7161-1/7
L78MS05J
L78MS05JSMP
Overview
The L78MS05J and L78MS05JSMP are general-purpose constant voltage power supplies that feature an output current of
500mA and a built-in on/off function. The current drain in the output off state is low, making these devices effective for
reducing power consumption in application equipment. The surface mounting package can contribute to miniaturization
and improved efficiency. These devices are optimal for use in all types of AV and OA equipment and in automotive
applications (such as power supplies for meters) as well.
Functions
• Strobe pin that controls the on/off state of the output voltage (active low input).
• 500mA output current.
Features
• TO-220-5H package for easier mounting and thermal design (L78MS05J).
• SMP5 package for easier mounting and thermal design (L78MS05JSMP).
• Low output off state current drain makes these devices optimal for saving power in applications.
• Full complement of built-in protection circuits (current limiter and thermal protection circuit).
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum input voltage
VIN max
35
V
Maximum strobe pin voltage
VST max
VIN max
V
Continued on next page.
Ordering number : EN7161
Monolithic Linear IC
5V Constant-Voltage
Power Supply with
Strobe Line
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Số phần tương tự - L78MS05J_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
L78MS05JSMP SANYO-L78MS05JSMP Datasheet
534Kb / 6P
   L78MS05J/L78MS05JSMP
More results

Mô tả tương tự - L78MS05J_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mitsubishi Electric Sem...
M5296FP MITSUBISHI-M5296FP Datasheet
367Kb / 9P
   5V CONSTANT-VOLTAGE POWER SUPPLY INCORPORATED WATCHDOG TINER IC
logo
Renesas Technology Corp
M5296FP RENESAS-M5296FP Datasheet
4Mb / 10P
   5V CONSTANT-VOLTAGE POWER SUPPLY INCORPORATED WATCHDOG TIMER IC
logo
Sanyo Semicon Device
LA5160AM SANYO-LA5160AM Datasheet
202Kb / 6P
   5V/0.1A Constant-voltage Power Supply IC with Output ON/OFF Feature
logo
List of Unclassifed Man...
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM114 SITI-DM114 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM134B SITI-DM134B Datasheet
337Kb / 20P
   16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage
logo
List of Unclassifed Man...
DM134B ETC-DM134B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
logo
Mean Well Enterprises C...
APV-25 MEANWELL-APV-25_17 Datasheet
70Kb / 2P
   CONSTANT VOLTAGE MODE POWER SUPPLY
APV-35 MEANWELL-APV-35_17 Datasheet
71Kb / 2P
   CONSTANT VOLTAGE MODE POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com