công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SD1060 bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện 2SD1060
Giải thích chi tiết về linh kiện  50V / 5A Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1060 bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  2SD1060 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1060 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1060 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1060 Datasheet HTML 4Page - Sanyo Semicon Device 2SD1060 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SB824 / 2SD1060
No.686-1/5
Applications
Suitable for relay drivers, high-speed inverters, converters, and other general large-current switching.
Features
Low collector-to-emitter saturation voltage : VCE(sat)= (--)0.4V max / IC= (--)3A, IB= (--)0.3A.
Specifications ( ) : 2SB824
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)60
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)5
A
Collector Current (Pulse)
ICP
(--)9
A
Collector Dissipation
PC
1.75
W
Tc=25°C30
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0A
(--)0.1
mA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)0.1
mA
Continued on next page.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : EN686J
82207FA TI IM TC-00000844 / 913003TN(KT)/91098HA(KT)/D251MH/4017KI
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
s products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
s products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
SANYO Semiconductors
DATA SHEET
2SB824 / 2SD1060 PNP / NPN Epitaxial Planar SiliconTransistors
50V / 5A Switching Applications


Số phần tương tự - 2SD1060

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
2SD1060 SANYO-2SD1060 Datasheet
113Kb / 4P
   50V/5A Switching Applications
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Savantic, Inc.
2SD1060 SAVANTIC-2SD1060 Datasheet
140Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1060 JMNIC-2SD1060 Datasheet
133Kb / 4P
   Silicon NPN Power Transistors
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
108Kb / 5P
   NPN PLANAR SILICON TRANSISTOR
More results

Mô tả tương tự - 2SD1060

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
2SB1165 SANYO-2SB1165 Datasheet
124Kb / 4P
   50V/5A Switching Applications
2SB1449 SANYO-2SB1449 Datasheet
124Kb / 4P
   50V/5A Switching Applications
2SB1134 SANYO-2SB1134_1 Datasheet
138Kb / 4P
   50V/5A Switching Applications
2SB1134 SANYO-2SB1134 Datasheet
123Kb / 4P
   50V/5A Switching Applications
2SB824 SANYO-2SB824 Datasheet
113Kb / 4P
   50V/5A Switching Applications
2SA1824 SANYO-2SA1824 Datasheet
131Kb / 4P
   50V/5A Switching Applications
2SD1060 SANYO-2SD1060_12 Datasheet
300Kb / 4P
   NPN Epitaxial Planar Silicon Transistor 50V / 5A Switching Applications
2SA1854 SANYO-2SA1854 Datasheet
95Kb / 3P
   20V/5A Switching Applications
2SB920L SANYO-2SB920L Datasheet
126Kb / 4P
   80V/5A Switching Applications
2SB1140 SANYO-2SB1140 Datasheet
95Kb / 3P
   20V/5A Switching Applications
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com