công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TD1-2D00-031 bảng dữ liệu(PDF) 3 Page - Magnetrol International, Inc.

tên linh kiện TD1-2D00-031
Giải thích chi tiết về linh kiện  Thermal Dispersion Flow/Level/Interface Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAGNETROL [Magnetrol International, Inc.]
Trang chủ  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TD1-2D00-031 bảng dữ liệu(HTML) 3 Page - Magnetrol International, Inc.

  TD1-2D00-031 Datasheet HTML 1Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 2Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 3Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 4Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 5Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 6Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 7Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 8Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
mA output
The TD2 has a mA output signal can be used for diag-
nostics, fault detection and trending. While this mA signal
is not scalable by the user, it can provide important
process information. The mA signal will increase with
the sensor cooling – mA will be greater in a wet condi-
tion than in a dry condition and will further increase as
the flow rate increases.
The mA output can also be used for fault detection. In
the event of a fault, the mA output will follow NAMUR
NE 43 and go to less than 3.6 mA for Low Level Fail-safe
and greater than 22 mA for High Level Fail-safe selection.
Due to ATEX requirements the mA output is not
available on units for Zone 0 service (Model number
digit 9 = C).
Measure the set point
With the TD2 the user can obtain an electrical measure-
ment of the set point. This permits the user to periodi-
cally check the calibration point and verify that the set
point has not changed. Due to ATEX requirements, this
feature is not available on units for Zone 0 service
(Model number digit 9 = C).
Remote Electronics
The TD2 can be provided with remote electronics
with up to 500 feet (150 meters) separation between
the probe and electronics.
Hermetically sealed relay
The TD2 provides an optional hermetically sealed relay
for the most demanding applications.
A D V A N C E D
F E A T U R E S
-
T D 2
O N L Y
Model TD2 with Window
Typical mA signals
20
Dry
Oil Water
Water Flow – FPS
mA
0
1
2
3
4
5
4
14
12
10
8
6
16
18


Số phần tương tự - TD1-2D00-031

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Magnetrol International...
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
More results

Mô tả tương tự - TD1-2D00-031

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Magnetrol International...
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
   ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Emcore Corporation
359C EMCORE-359C Datasheet
499Kb / 2P
   Dispersion Compensation Module
359B EMCORE-359B Datasheet
413Kb / 2P
   Zero Dispersion Modules
logo
Systemsensor advanced i...
ZONECHECK SYSTEMSENSOR-ZONECHECK Datasheet
122Kb / 4P
   Flow Switch Tester
logo
Magnetrol International...
960-58A0-030 MAGNETROL-960-58A0-030 Datasheet
414Kb / 16P
   Actuator- Sensor-Interface (AS-Interface짰) Ultrasonic Level Switch
logo
Greystone Energy System...
GLFS1 GREYSTONE-GLFS1 Datasheet
129Kb / 1P
   LIQUID FLOW SWITCH
logo
List of Unclassifed Man...
M-201-T ETC-M-201-T Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com