công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS8568SPM bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
ADS8568SPM bảng dữ liệu(HTML) 8 Page - Texas Instruments |
8 / 51 page ADS8528 ADS8548 ADS8568 SBAS543A – AUGUST 2011 – REVISED OCTOBER 2011 www.ti.com ELECTRICAL CHARACTERISTICS: GENERAL (continued) All minimum/maximum specifications are at TA = –40°C to +125°C, specified supply voltage range, VREF = 2.5V (internal), VIN = ±10V, and fDATA = max, unless otherwise noted. Typical values are at TA = +25°C, HVDD = 15V, HVSS = –15V, AVDD = 5V, and DVDD = 3.3V. ADS8528, ADS8548, ADS8568 PARAMETER CONDITIONS MIN TYP MAX UNIT POWER-SUPPLY REQUIREMENTS (continued) ADS8528, fDATA = maximum 3.4 4.5 mA ADS8548, fDATA = maximum 3.3 4.4 mA ADS8568, fDATA = maximum 2.7 3.6 mA fDATA = 250kSPS 2.1 2.6 mA Input negative supply current IHVSS f DATA = 200kSPS 1.7 mA fDATA = 10kSPS 0.4 mA Auto-sleep mode, no ongoing conversion, 0.35 mA internal conversion clock Power-down mode 0.01 mA ADS8528, fDATA = maximum 287.1 430.1 mW ADS8548, fDATA = maximum 279.7 419.1 mW ADS8568, fDATA = maximum 259.7 389.4 mW fDATA = 250kSPS, auto-sleep mode 161.7 255.2 mW fDATA = 200kSPS, auto-sleep mode 151.2 mW Power dissipation(3) fDATA = 10kSPS, normal operation 163.3 mW fDATA = 10kSPS, auto-sleep mode 36.3 mW Auto-sleep mode, no ongoing conversion, 53.6 mW internal conversion clock Power-down mode 0.6 mW Operating ambient temperature TA –40 25 +125 °C range (3) Maximum power dissipation values are specified with HVDD = 15V and HVSS = –15V. 8 Copyright © 2011, Texas Instruments Incorporated Product Folder Link(s): ADS8528 ADS8548 ADS8568 |
Số phần tương tự - ADS8568SPM |
|
Mô tả tương tự - ADS8568SPM |