công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8548SPM bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8548SPM
Giải thích chi tiết về linh kiện  12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8548SPM bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS8548SPM Datasheet HTML 1Page - Texas Instruments ADS8548SPM Datasheet HTML 2Page - Texas Instruments ADS8548SPM Datasheet HTML 3Page - Texas Instruments ADS8548SPM Datasheet HTML 4Page - Texas Instruments ADS8548SPM Datasheet HTML 5Page - Texas Instruments ADS8548SPM Datasheet HTML 6Page - Texas Instruments ADS8548SPM Datasheet HTML 7Page - Texas Instruments ADS8548SPM Datasheet HTML 8Page - Texas Instruments ADS8548SPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
SAR ADC
Control
Logic
Config
Register
I/O
Clock
Generator
SAR ADC
SAR ADC
SAR ADC
SAR ADC
SAR ADC
SAR ADC
SAR ADC
StringDAC
2.5/3V
Reference
CH_A0
CH_A1
CH_B0
CH_B1
CH_C0
CH_C1
CH_D0
CH_D1
REFIO
Parallel
orSerial
DataBus
Control
Signal
Bus
ADS8528
ADS8548
ADS8568
www.ti.com
SBAS543A
– AUGUST 2011 – REVISED OCTOBER 2011
12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling
ANALOG-TO-DIGITAL CONVERTERS
Check for Samples: ADS8528, ADS8548, ADS8568
1
FEATURES
DESCRIPTION
The ADS8528/48/68 contain eight low-power, 12-,
2
Family of 12-, 14-, 16-Bit, Pin- and
14-, or 16-bit, successive approximation register
Software-Compatible ADCs
(SAR)-based analog-to-digital converters (ADCs) with
Maximum Data Rate Per Channel:
true bipolar inputs. These channels are grouped in
– ADS8528: 650kSPS (PAR) or
four pairs, thus allowing simultaneous high-speed
signal acquisition of up to 650kSPS.
480kSPS (SER)
– ADS8548: 600kSPS (PAR) or
The devices support selectable parallel or serial
450kSPS (SER)
interface
with
daisy-chain
capability.
The
programmable reference allows handling of analog
– ADS8568: 510kSPS (PAR) or
input signals with amplitudes up to
±12V.
400kSPS (SER)
The ADS8528/48/68 family supports an auto-sleep
Excellent AC Performance:
mode for minimum power dissipation and is available
– Signal-to-Noise Ratio:
in both QFN-64 and LQFP-64 packages. The entire
ADS8528: 73.9dB
family is specified over a temperature range of
–40°C
ADS8548: 85dB
to +125
°C.
ADS8568: 91.5dB
– Total Harmonic Distortion:
ADS8528:
–89dB
ADS8548:
–91dB
ADS8568:
–94dB
Programmable and Buffered Internal
Reference: 0.5V to 2.5V or 0.5V to 3.0V
Supports Input Voltage Ranges of Up to
±12V
Selectable Parallel or Serial Interface
Scalable Low-Power Operation Using
Auto-Sleep Mode: Only 32mW at 10kSPS
Fully Specified Over the Extended Industrial
Temperature Range
APPLICATIONS
Protection Relays
Power Quality Measurement
Multi-Axis Motor Control
Programmable Logic Controllers
Industrial Data Acquisition
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS8548SPM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8548SPM TI1-ADS8548SPM Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
ADS8548SPMR TI1-ADS8548SPMR Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8548SPMR TI1-ADS8548SPMR Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
More results

Mô tả tương tự - ADS8548SPM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8528 TI1-ADS8528_14 Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
[Old version datasheet]   250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8350 TI1-ADS8350_14 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com