công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8528SPM bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8528SPM
Giải thích chi tiết về linh kiện  12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8528SPM bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button ADS8528SPM Datasheet HTML 6Page - Texas Instruments ADS8528SPM Datasheet HTML 7Page - Texas Instruments ADS8528SPM Datasheet HTML 8Page - Texas Instruments ADS8528SPM Datasheet HTML 9Page - Texas Instruments ADS8528SPM Datasheet HTML 10Page - Texas Instruments ADS8528SPM Datasheet HTML 11Page - Texas Instruments ADS8528SPM Datasheet HTML 12Page - Texas Instruments ADS8528SPM Datasheet HTML 13Page - Texas Instruments ADS8528SPM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
ADS8528
ADS8548
ADS8568
SBAS543A
– AUGUST 2011 – REVISED OCTOBER 2011
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Table 1. Serial Interface Timing Requirements(1)(2)
ADS8528, ADS8548, ADS8568
TEST
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
CONVST_x high to XCLK rising edge
tSCVX
CLKSEL = 1
6
ns
setup time
ADS8528
66.67
ns
tXCLK
External conversion clock period
ADS8548
72.46
ns
ADS8568
85.11
ns
ADS8528
1
15.0
MHz
External conversion clock frequency
ADS8548
1
13.8
MHz
ADS8568
1
11.75
MHz
External conversion clock duty cycle
40
60
%
tCVL
CONVST_x low time
20
ns
tACQ
Acquisition time
280
ns
19
20 tCCLK or tXCLK
ADS8528,
1.33
μs
CLKSEL = 0
tCONV
Conversion time
ADS8548,
1.45
μs
CLKSEL = 0
ADS8568,
1.7
μs
CLKSEL = 0
tDCVB
CONVST_x high to BUSY high delay
25
ns
tBUFS
BUSY low to FS low time
0
ns
ADS8528
0
ns
Bus access finished to next conversion
tFSCV
ADS8548
20
ns
start time
ADS8568
40
ns
tSCLK
Serial clock period
0.022
10
μs
Serial clock frequency
0.1
45
MHz
Serial clock duty cycle
40
60
%
tDMSB
FS low to MSB valid delay
12
ns
tHDO
Output data to SCLK falling edge hold time
5
ns
SCLK falling edge to new data valid
tPDDO
17
ns
propagation delay
tDTRI
FS high to SDO_x three-state delay
10
ns
tSUDI
Input data to SCLK falling edge setup time
3
ns
tHDI
Input data to SCLK falling edge hold time
5
ns
(1)
Over recommended operating free-air temperature range TA, AVDD = 5V, and DVDD = 2.7V to 5.5V, unless otherwise noted.
(2)
All input signals are specified with tR = tF = 1.5ns (10% to 90% of DVDD) and timed from a voltage level of (VIL + VIH)/2.
10
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8528 ADS8548 ADS8568


Số phần tương tự - ADS8528SPM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8528SPM TI1-ADS8528SPM Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
ADS8528SPMR TI1-ADS8528SPMR Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528SPMR TI1-ADS8528SPMR Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
More results

Mô tả tương tự - ADS8528SPM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8528 TI1-ADS8528_14 Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
[Old version datasheet]   250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8350 TI1-ADS8350_14 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com