công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5263 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS5263
Giải thích chi tiết về linh kiện  Quad Channel 16-Bit, 100-MSPS High-SNR ADC
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5263 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADS5263 Datasheet HTML 5Page - Texas Instruments ADS5263 Datasheet HTML 6Page - Texas Instruments ADS5263 Datasheet HTML 7Page - Texas Instruments ADS5263 Datasheet HTML 8Page - Texas Instruments ADS5263 Datasheet HTML 9Page - Texas Instruments ADS5263 Datasheet HTML 10Page - Texas Instruments ADS5263 Datasheet HTML 11Page - Texas Instruments ADS5263 Datasheet HTML 12Page - Texas Instruments ADS5263 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
ADS5263
www.ti.com
SLAS760B
– MAY 2011 – REVISED OCTOBER 2011
ELECTRICAL CHARACTERISTICS DYNAMIC PERFORMANCE
– 16-BIT ADC
Typical values are at 25
°C, AVDD = 3.3V, LVDD = 1.8 V, 50% clock duty cycle, –1-dBFS differential analog input (unless
otherwise noted).
MIN and MAX values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3 V, LVDD = 1.8 V
100 MSPS
80 MSPS
PARAMETERS
TEST CONDITIONS
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
fin = 5 MHz at 25°C
81
84.5
85.5
fin = 5 MHz across temperature
80
SNR
fin = 10 MHz
84.6
85.3
dBFS
Signal-to-noise ratio
fin = 30 MHz
82.7
83.1
fin = 65 MHz
78.9
79.4
fin = 5 MHz
76.6
78.2
78.8
SINAD
fin = 10 MHz
77.5
79
dBFS
Signal-to-noise and distortion
finn = 30 MHz
74.8
76
ratio
fin = 65 MHz
71.6
72.5
ENOB
fin = 5 MHz
12.7
12.8
LSB
Effective number of bits
DNL
fin = 5 MHz
±0.1
±0.1
LSB
Differential non-linearity
INL
fin = 5 MHz
±2.2
±2.2
LSB
Integrated non-linearity
fin = 5 MHz
73.5
80
80
fin = 10 MHz
80
81
SFDR
dBc
Spurious-free dynamic range
fin = 30 MHz
76
77
fin = 65 MHz
74
75
fin = 5 MHz
72.5
78
78.8
fin = 10 MHz
77.4
79.2
THD
dBc
Total harominc distortion
fin = 30 MHz
74.5
76
fin = 65 MHz
71.4
72.4
fin = 5 MHz
73.5
83.5
85
fin = 10 MHz
81
84
HD2
dBc
Second harmonic Distortion
fin = 30 MHz
80
83
fin = 65 MHz
75
76
fin = 5 MHz
73.5
80
80
fin = 10 MHz
80
81
HD3
dBc
Third harmonic distortion
fin = 30 MHz
75
77
fin = 65 MHz
74
75
fin = 5 MHz
80
90
fin = 10 MHz
85
90
Worst Spur
dBc
Excluding HD2, HD3
finn = 30 MHz
85
88
fin = 65 MHz
82
86
IMD
f1 = 8 MHz, f2 = 10 MHZ, each tone at –7 dBFS
92
92
dBFS
2-tone intermodulation
distortion
Recovery to within 1% (of final value) for 6-dB
clock
Input overload recovery
1
1
overload with sine wave input
cyles
PSRR
For 50 mV signal on AVDD supply, up to 1
30
30
dB
AC power supply rejection
MHz ripple frequency
ratio
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :ADS5263


Số phần tương tự - ADS5263

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5263 TI1-ADS5263 Datasheet
1Mb / 69P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC 4 Vpp Full-scale Input
ADS5263 TI-ADS5263 Datasheet
1Mb / 82P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5263IRGCR TI1-ADS5263IRGCR Datasheet
1Mb / 69P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC 4 Vpp Full-scale Input
ADS5263IRGCR-NM TI1-ADS5263IRGCR-NM Datasheet
1Mb / 69P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC 4 Vpp Full-scale Input
ADS5263IRGCT TI1-ADS5263IRGCT Datasheet
1Mb / 69P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC 4 Vpp Full-scale Input
More results

Mô tả tương tự - ADS5263

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5263 TI1-ADS5263_15 Datasheet
2Mb / 84P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5263 TI-ADS5263_13 Datasheet
1Mb / 82P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5263 TI1-ADS5263 Datasheet
1Mb / 69P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC 4 Vpp Full-scale Input
logo
Analog Devices
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD9446 AD-AD9446 Datasheet
952Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
logo
Texas Instruments
ADS5294 TI1-ADS5294 Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
ADS5294IPFP TI1-ADS5294IPFP Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
ADS5294 TI1-ADS5294_15 Datasheet
2Mb / 81P
[Old version datasheet]   Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com