công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5263_1110 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện ADS5263_1110
Giải thích chi tiết về linh kiện  Quad Channel 16-Bit, 100-MSPS High-SNR ADC
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5263_1110 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS5263_1110 Datasheet HTML 2Page - Texas Instruments ADS5263_1110 Datasheet HTML 3Page - Texas Instruments ADS5263_1110 Datasheet HTML 4Page - Texas Instruments ADS5263_1110 Datasheet HTML 5Page - Texas Instruments ADS5263_1110 Datasheet HTML 6Page - Texas Instruments ADS5263_1110 Datasheet HTML 7Page - Texas Instruments ADS5263_1110 Datasheet HTML 8Page - Texas Instruments ADS5263_1110 Datasheet HTML 9Page - Texas Instruments ADS5263_1110 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
ADS5263
SLAS760B
– MAY 2011 – REVISED OCTOBER 2011
www.ti.com
PIN FUNCTIONS (continued)
PIN
NO. OF
PIN NAME
DESCRIPTION
PINS
TYPE
NO.
IN4B_P, IN4B_M
Differential analog input for channel 4, 14 bit ADC
I
44, 45
2
INT/EXT
Internal/external reference mode select input
I
56
1
Logic HIGH
–internal reference
Logic LOW
– external reference
ISET
Bias pin
– 56.2 kΩ resistor (1% tolerance value) to ground
I
51
1
LCLKM
LVDS bit clock (8X)
– negative output
O
26
1
LCLKP
LVDS bit clock (8X)
– positive output
O
25
1
LGND
Digital ground
I
12, 14, 36
3
LVDD
Digital and I/O power supply, 1.8 V
I
35
1
OUT1P, OUT1M
Wire 1, channel 1 LVDS differential output
O
15, 16
2
OUT2P, OUT2M
Wire 2, channel 1 LVDS differential output
O
17, 18
2
OUT3P, OUT3M
Wire 1, channel 2, LVDS differential output
O
19, 20
2
OUT4P, OUT4M
Wire 2, channel 2 LVDS differential output
O
21, 22
2
OUT5P, OUT5M
Wire 1, channel 3 LVDS differential output
O
27, 28
2
OUT6P, OUT6M
Wire 2, channel 3 LVDS differential output
O
29, 30
2
OUT7P, OUT7M
Wire 1, channel 4 LVDS differential output
O
31, 32
2
OUT8P, OUT8M
Wire 2, channel 4 LVDS differential output
O
33, 34
2
PD
Power-down input
I
13
1
REFB
Negative-reference input/output
IO
54
1
REFT
Positive-reference input/output
IO
55
1
RESET
Serial interface RESET input, active LOW.
I
64
1
When using the serial interface mode, the user must initialize internal registers through hardware
RESET by applying a low-going pulse on this pin or by using software reset option. See the Serial
Interface section.
SCLK
Serial interface clock input. The pin has an internal 300-k
Ω pulldown resistor.
I
63
1
SDATA
Serial interface data input. The pin has an internal 300-k
Ω pulldown resistor.
I
62
1
SDOUT
Serial register readout
O
52
1
This pin is in the high-impedance state after reset. When the
<READOUT> bit is set, the SDOUT
pin becomes active. This is a CMOS digital output running from the AVDD supply.
SYNC
Input signal to synchronize channels and chips when used with reduced output data rates
I
49
1
Alternate function: Clamp signal input (14-bit ADC mode only)
VCM
Outputs the common-mode voltage (1.5 V) that can be used externally to bias the analog input
O
53
1
pins.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :ADS5263


Số phần tương tự - ADS5263_1110

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5263 TI-ADS5263_13 Datasheet
1Mb / 82P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5263 TI1-ADS5263_15 Datasheet
2Mb / 84P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
More results

Mô tả tương tự - ADS5263_1110

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5263 TI1-ADS5263_15 Datasheet
2Mb / 84P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5263 TI-ADS5263_13 Datasheet
1Mb / 82P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5263 TI1-ADS5263 Datasheet
1Mb / 69P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC 4 Vpp Full-scale Input
logo
Analog Devices
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD9446 AD-AD9446 Datasheet
952Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
logo
Texas Instruments
ADS5294 TI1-ADS5294 Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
ADS5294IPFP TI1-ADS5294IPFP Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
ADS5294 TI1-ADS5294_15 Datasheet
2Mb / 81P
[Old version datasheet]   Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com