công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4249 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS4249
Giải thích chi tiết về linh kiện  Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4249 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS4249 Datasheet HTML 2Page - Texas Instruments ADS4249 Datasheet HTML 3Page - Texas Instruments ADS4249 Datasheet HTML 4Page - Texas Instruments ADS4249 Datasheet HTML 5Page - Texas Instruments ADS4249 Datasheet HTML 6Page - Texas Instruments ADS4249 Datasheet HTML 7Page - Texas Instruments ADS4249 Datasheet HTML 8Page - Texas Instruments ADS4249 Datasheet HTML 9Page - Texas Instruments ADS4249 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
ADS4249
SBAS534B
– JULY 2011 – REVISED SEPTEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: GENERAL
Typical values are at +25
°C, AVDD = 1.8 V, DRVDD = 1.8 V, 50% clock duty cycle, and –1 dBFS differential analog input,
unless otherwise noted. Minimum and maximum values are across the full temperature range: TMIN = –40°C to TMAX = +85°C,
AVDD = 1.8 V, and DRVDD = 1.8 V.
ADS4249
PARAMETER
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Differential input voltage range
2
VPP
Differential input resistance (at 200 MHz)
0.75
k
Ω
Differential input capacitance (at 200 MHz)
3.7
pF
Analog input bandwidth
550
MHz
(with 50-
Ω source impedance, and 50-Ω termination)
Analog input common-mode current
1.5
µA/MSPS
(per input pin of each channel)
Common-mode output voltage
VCM
0.95(1)
V
VCM output current capability
4
mA
DC ACCURACY
Offset error
–15
2.5
15
mV
Temperature coefficient of offset error
0.003
mV/
°C
Gain error as a result of internal reference inaccuracy alone
EGREF
–2
2
%FS
Gain error of channel alone
EGCHAN
±0.1
1
%FS
Temperature coefficient of EGCHAN
0.002
Δ%/°C
POWER SUPPLY
IAVDD
167
190
mA
Analog supply current
IDRVDD
Output buffer supply current
144
160
mA
LVDS interface, 350-mV swing with 100-
Ω external termination, fIN = 2.5 MHz
IDRVDD
Output buffer supply current
94
mA
CMOS interface, no load capacitance, fIN = 2.5 MHz
(2)
Analog power
301
342
mW
Digital power
259
288
mW
LVDS interface, 350-mV swing with 100-
Ω external termination, fIN = 2.5 MHz
Digital power
CMOS interface, 8-pF external load capacitance(2)
169
mW
fIN = 2.5 MHz
Global power-down
25
mW
(1)
VCM changes to 0.87 V when serial register bits HIGH PERF MODE[7:2] are set.
(2)
In CMOS mode, the DRVDD current scales with the sampling frequency, the load capacitance on output pins, input frequency, and the
supply voltage (see the CMOS Interface Power Dissipation section in the Application Information).
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS4249


Số phần tương tự - ADS4249

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4249 TI1-ADS4249 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4249 TI-ADS4249 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4249IRGC25 TI1-ADS4249IRGC25 Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4249IRGCR TI1-ADS4249IRGCR Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
More results

Mô tả tương tự - ADS4249

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4249 TI1-ADS4249_16 Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS42B49 TI-ADS42B49 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4449 TI-ADS4449 Datasheet
1Mb / 54P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS4449 TI1-ADS4449 Datasheet
2Mb / 56P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com