công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-45593-001 bảng dữ liệu(PDF) 3 Page - Molex Electronics Ltd.

tên linh kiện SD-45593-001
Giải thích chi tiết về linh kiện  0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR PCB TERMINATION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

SD-45593-001 bảng dữ liệu(HTML) 3 Page - Molex Electronics Ltd.

  SD-45593-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-45593-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-45593-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-45593-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-45593-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-45593-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-45593-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-45593-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-45593-001 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2006-2962
A1
DATE:
2006/08/07
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
3 of 26
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45593-001
Marc Simmel
Marc Simmel
Joe Comerci
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Table of Contents
Section
Page
Section
Page
1.0
Scope
3
2.0
Product Description
3
3.0
Applicable Documents and Specifications
3
4.0
Mating and Un-Mating of Connectors
4.1
Recommendations for Mating and Un-Mating
4
4.2
Mating Alignment Tolerances
4
5.0
Soldering Process Recommendations
5.1 44828 SMT Receptacle Connector
6
5.1.1
PCB Layout
5.1.2
Solder Paste Stencil Layout
5.1.3
Reflow Profile
5.1.4
Inspection
5.2 45560 SMT Cradle Connector
6
5.2.1
PCB Layout
5.2.2
Solder Paste Stencil Layout
5.2.3
Reflow Profile
5.2.4
Inspection
5.3 45339 Plug Module for Wire Termination
7
5.3.1
Applicable Wire Sizes
5.3.2
Wire Preparation
5.3.3
Inspection
5.4 45593 Plug Module for PCB Termination
7
5.4.1
PCB Layout
5.4.2
Inspection
6.0
Mechanical Design Recommendations
6.1 Mechanical Fasteners and Support
8
6.1.1
Receptacle Connector
6.1.2
Plug Connector Modules
6.1.3
Cradle Connector
6.2 Ingress Protection
10
6.3 Plug Cable Over-Molding
11
6.3.1 Wire Soldering
6.3.2
Encapsulation
6.3.3
Strain Relief
6.3.4
Final Over-Molding
6.4 Design Best Practices
14
6.4.1 Plug Over-mold Designs
6.4.2 Cradle Designs
7.0
Electrical Recommendations
7.1 Power Considerations
21
7.2 High Speed Signal Transmission
21


Số phần tương tự - SD-45593-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-45560-001 MOLEX-SD-45560-001 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
SD-45560-002 MOLEX-SD-45560-002 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
More results

Mô tả tương tự - SD-45593-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0453391604 MOLEX11-0453391604 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391603 MOLEX11-0453391603 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391602 MOLEX11-0453391602 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391600 MOLEX11-0453391600 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391601 MOLEX11-0453391601 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391605 MOLEX11-0453391605 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0461325002 MOLEX6-0461325002 Datasheet
150Kb / 3P
   0.80mm (.031") Pitch HandyLink??Plug for PCB Termination, 10 Circuit with PCB Through Hold Options
0461325000 MOLEX6-0461325000 Datasheet
150Kb / 3P
   0.80mm (.031") Pitch HandyLink Plug for PCB Termination, 16 Circuit with PCB Through Hold Options
0461325001 MOLEX6-0461325001 Datasheet
150Kb / 3P
   0.80mm (.031") Pitch HandyLink??Plug for PCB Termination, 11 Circuit with PCB Through Hold Options
0461326000 MOLEX6-0461326000 Datasheet
141Kb / 3P
   0.80mm (.031") Pitch HandyLink Hilgh Load Plug for PCB Termination, 3 Circuit without Latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com