công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS4881 bảng dữ liệu(PDF) 5 Page - Gennum Corporation

tên linh kiện GS4881
Giải thích chi tiết về linh kiện  Monolithic Video Sync Separators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4881 bảng dữ liệu(HTML) 5 Page - Gennum Corporation

  GS4881 Datasheet HTML 1Page - Gennum Corporation GS4881 Datasheet HTML 2Page - Gennum Corporation GS4881 Datasheet HTML 3Page - Gennum Corporation GS4881 Datasheet HTML 4Page - Gennum Corporation GS4881 Datasheet HTML 5Page - Gennum Corporation GS4881 Datasheet HTML 6Page - Gennum Corporation GS4881 Datasheet HTML 7Page - Gennum Corporation GS4881 Datasheet HTML 8Page - Gennum Corporation GS4881 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
GS1881, GS4881, GS4981 Monolithic Video Sync
Separators
Data Sheet
6926 - 5
November 2009
5 of 29
Proprietary & Confidential
2.2 GS4881 Electrical Characteristics
Table 2-2 shows the electrical characteristics of the GS4881 where conditions are
VCC = 5V, RSET = 680kΩ, TA =25°C, unless otherwise shown.
(b) VOL
Ι OL = 1.6mA
0.3
0.6
V
NOTES:
1. When placing the RSET resistor and the 0.1μF decoupling capacitor, careful attention should be made to ensure that they are as close as
possible to Pin 6. Care should also be taken to avoid parasitic capacitive coupling from any output pin (Pins 1, 3, 5 and 7) to Pin 6.
2. Measured from slicing point of input falling edge to 50% point of composite sync falling edge.
Table 2-1: GS1881 Electrical Characteristics (Continued)
Parameter
Conditions
Min
Typ
Max
Units
Table 2-2: GS4881 Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage
4.5
5
13.2
V
Supply Current
Outputs at
Logic 1
VCC = 5V
4.6
30
mA
VCC = 12V
5.0
6.5
mA
Video Input (Pin 2)
(a) Signal Level
VCC = 5V
0.5
4
Vp-p
(b) Clamp Current
Charge
500
650
850
μA
Discharge - normal
9
11
13
μA
Discharge - Nosync flag raised
65
95
115
μA
(c) Delay to raising of Nosync flag
Video input held high
64
95
130
μs
(d) Sync Tip Clamp Voltage
1.55
V
Sync Slice Level
Relative to sync tip clamp voltage
70
77
84
mV
RSET Pin Reference Voltage (Pin 6)
See Note 1.
1.14
1.24
1.34
V
Composite Sync Out (Pin 1)
See Note 2.
CL = 15p
40
60
80
ns
Delay from Video
Back Porch Pulse Out (Pin 5)
(a) Delay from Rising Edge of Sync
CL = 15p
400
500
650
ns
(b) Pulse Width
2.0
2.5
3.2
μs
(c) Occurrence Rate
H
H
H
Vertical Sync Out (Pin 3)
(a) Pulse Width
Serrations during vertical interval
197.7
197.7
197.7
μs
(b) Default Starting Time
No serrations during vertical interval
48
65
82
μs


Số phần tương tự - GS4881

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS4881 GENNUM-GS4881 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4881-CDA GENNUM-GS4881-CDA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4881-CKA GENNUM-GS4881-CKA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4881-CTA GENNUM-GS4881-CTA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4881-IDA GENNUM-GS4881-IDA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
More results

Mô tả tương tự - GS4881

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1881 GENNUM-GS1881 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4882 GENNUM-GS4882 Datasheet
85Kb / 7P
   Video Sync Separators with 50% Sync Slicing
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com