công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1582-IBE3 bảng dữ liệu(PDF) 6 Page - Gennum Corporation

tên linh kiện GS1582-IBE3
Giải thích chi tiết về linh kiện  Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1582-IBE3 bảng dữ liệu(HTML) 6 Page - Gennum Corporation

Back Button GS1582-IBE3 Datasheet HTML 2Page - Gennum Corporation GS1582-IBE3 Datasheet HTML 3Page - Gennum Corporation GS1582-IBE3 Datasheet HTML 4Page - Gennum Corporation GS1582-IBE3 Datasheet HTML 5Page - Gennum Corporation GS1582-IBE3 Datasheet HTML 6Page - Gennum Corporation GS1582-IBE3 Datasheet HTML 7Page - Gennum Corporation GS1582-IBE3 Datasheet HTML 8Page - Gennum Corporation GS1582-IBE3 Datasheet HTML 9Page - Gennum Corporation GS1582-IBE3 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 115 page
background image
GS1582 Multi-Rate Serializer with Cable Driver, Audio
Multiplexer and ClockCleanerTM
Data Sheet
40117 - 3
March 2009
6 of 115
List of Figures
Figure 3-1: Differential Output Stage (SDO/SDO) .............................................................................. 22
Figure 3-2: Charge Pump Current Setting Resistor (CP_RES) .......................................................... 22
Figure 3-3: PLL Loop Filter .......................................................................................................................... 23
Figure 3-4: VCO Input .................................................................................................................................. 23
Figure 3-5: Digital Input Pin with Weak Pull Up(>33kW)
(ACLK[2:1], WCLK[2:1], AIN[4:1], PCLK, DIN[19:0]) ............................................................................ 24
Figure 3-6: 5V Tolerant Input Pin (All Other Input Pins) .................................................................. 24
Figure 3-7: Digital Output Pin with High Impedance Mode
(LOCKED, AUDIO_INT, SDOUT_TDO) .................................................................................................... 24
Figure 4-1: PCLK to Data Timing ............................................................................................................... 26
Figure 4-2: H_Blanking, V_Blanking, F_Digital Timing .................................................................... 29
Figure 4-3: HSYNC:VSYNC:DE Input Timing 1280 x 720p @ 59.94/60 ....................................... 31
Figure 4-4: HSYNC:VSYNC:DE Input Timing 1920 x 1080i @ 59.94/60 ...................................... 31
Figure 4-5: HSYNC:VSYNC:DE Input Timing 720 (1440) x 480i @ 59.94/60 ............................. 32
Figure 4-6: HSYNC:VSYNC:DE Input Timing 1280 x 720p @ 50 ................................................... 33
Figure 4-7: HSYNC:VSYNC:DE Input Timing 1920 x 1080i @ 50 .................................................. 33
Figure 4-8: HSYNC:VSYNC:DE Input Timing 720 (1440) x 576 @ 50 ........................................... 34
Figure 4-9: DVB-ASI FIFO Implementation using the GS1582 ....................................................... 35
Figure 4-10: Audio Multiplexer Top Level ............................................................................................ 37
Figure 4-11: Ancillary Data Packet Placement Example .................................................................. 39
Figure 4-12: SD Audio Data Packet Structure ...................................................................................... 41
Figure 4-13: SD Extended Audio Data Packet Structure .................................................................. 42
Figure 4-14: HD Audio Data Packet Structure ..................................................................................... 43
Figure 4-15: SD Audio Control Packet Structure .................................................................................45
Figure 4-16: HD Audio Control Packet Structure ................................................................................ 46
Figure 4-17: Audio Group Replacement Example (HD Formats) .................................................. 49
Figure 4-18: ACLK to Data & Control Signal Input Timing ............................................................... 51
Figure 4-19: AES/EBU Sub-frame Formatting ......................................................................................54
Figure 4-20: AES/EBU Audio Input Format .......................................................................................... 54
Figure 4-21: Serial Audio Input: Left Justified; MSB First ................................................................. 55
Figure 4-22: Serial Audio Input: Left Justified; LSB First .................................................................. 55
Figure 4-23: Serial Audio Input: Right Justified; MSB First .............................................................. 55
Figure 4-24: Serial Audio Input: Right Justified; LSB First ............................................................... 55
Figure 4-25: I2S Audio Input ...................................................................................................................... 55
Figure 4-26: Gennum Serial Peripheral Interface (GSPI) .................................................................. 77
Figure 4-27: Command Word .................................................................................................................... 78
Figure 4-28: Data Word ............................................................................................................................... 78
Figure 4-29: GSPI Read Mode Timing ..................................................................................................... 79
Figure 4-30: GSPI Write Mode Timing .................................................................................................... 79
Figure 4-31: In-Circuit JTAG ....................................................................................................................107
Figure 4-32: System JTAG .........................................................................................................................107
Figure 4-33: Reset Pulse .............................................................................................................................108
Figure 7-1: Pb-free Solder Reflow Profile ............................................................................................114


Số phần tương tự - GS1582-IBE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1582-IBE3 GENNUM-GS1582-IBE3 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
More results

Mô tả tương tự - GS1582-IBE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
GS1531 GENNUM-GS1531_08 Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
GS1532 GENNUM-GS1532_07 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com