công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1578ACNE3 bảng dữ liệu(PDF) 2 Page - Gennum Corporation

tên linh kiện GS1578ACNE3
Giải thích chi tiết về linh kiện  HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1578ACNE3 bảng dữ liệu(HTML) 2 Page - Gennum Corporation

  GS1578ACNE3 Datasheet HTML 1Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 2Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 3Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 4Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 5Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 6Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 7Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 8Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
GS1578A HD-LINX® II Multi-Rate Dual Slew-Rate
Cable Driver
Data Sheet
33657 - 5
November 2009
2 of 16
Proprietary & Confidential
Revision History
Contents
Features.................................................................................................................................................................1
Applications.........................................................................................................................................................1
Description...........................................................................................................................................................1
Revision History .................................................................................................................................................2
1. Pin Out...............................................................................................................................................................4
1.1 GS1578A Pin Assignment ..............................................................................................................4
1.2 GS1578A Pin Descriptions .............................................................................................................4
2. Electrical Characteristics ............................................................................................................................5
2.1 Absolute Maximum Ratings ..........................................................................................................5
2.2 DC Electrical Characteristics ........................................................................................................5
2.3 AC Electrical Characteristics ........................................................................................................6
3. Solder Reflow Profiles..................................................................................................................................7
4. Input / Output Circuits ................................................................................................................................8
5. Detailed Description.....................................................................................................................................9
5.1 Input Interfacing ...............................................................................................................................9
5.2 Output Interfacing ...........................................................................................................................9
5.3 Output Return Loss Measurement ........................................................................................... 11
5.4 Output Amplitude (RSET) ........................................................................................................... 12
6. Application Information .......................................................................................................................... 13
6.1 PCB Layout ....................................................................................................................................... 13
6.2 Typical Application Circuit ........................................................................................................ 13
7. Package and Ordering Information...................................................................................................... 14
Version
ECR
PCN
Date
Changes and/or Modifications
5
153754
November 2009
Updated to latest Gennum template.
4
139637
38695
March 2006
Corrected pad standoff height and tolerances for pad width & package
dimension. Corrected pad shape.
3
139113
38124
January 2006
Corrected Input Differential Swing to 2200mV.
2
137885
September 2005
Corrected process to BiCMOS. Updated eye diagrams in Section 5.2.
1
137132
June 2005
Converted to Data Sheet. Changed title of Figure 3-2 to clarify that it is the
Pb reflow profile. Updated SD additive jitter number in the AC electrical
characteristics table to be typically 20psp-p. Updated dimensions on center
pad of the PCB footprint in Section 7.2 to match the dimensions of the
center pad of the device. Corrected part number in ordering information.
Rephrased the RoHS Compliant statement.
0
136045
February 2005
Converted to Preliminary Data Sheet.
A
135502
February 2005
New document.


Số phần tương tự - GS1578ACNE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1578ACNE3 GENNUM-GS1578ACNE3 Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
More results

Mô tả tương tự - GS1578ACNE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com