công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1582 bảng dữ liệu(PDF) 11 Page - Gennum Corporation

tên linh kiện GS1582
Giải thích chi tiết về linh kiện  Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1582 bảng dữ liệu(HTML) 11 Page - Gennum Corporation

Back Button GS1582_09 Datasheet HTML 7Page - Gennum Corporation GS1582_09 Datasheet HTML 8Page - Gennum Corporation GS1582_09 Datasheet HTML 9Page - Gennum Corporation GS1582_09 Datasheet HTML 10Page - Gennum Corporation GS1582_09 Datasheet HTML 11Page - Gennum Corporation GS1582_09 Datasheet HTML 12Page - Gennum Corporation GS1582_09 Datasheet HTML 13Page - Gennum Corporation GS1582_09 Datasheet HTML 14Page - Gennum Corporation GS1582_09 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 115 page
background image
GS1582 Multi-Rate Serializer with Cable Driver, Audio
Multiplexer and ClockCleanerTM
Data Sheet
40117 - 3
March 2009
11 of 115
A3
F/DE
Synchronous
with PCLK
Input
PARALLEL DATA TIMING
Signal levels are LVCMOS/LVTTL compatible.
TIM_861 = LOW:
Used to indicate the ODD / EVEN field of the video signal when
DETECT_TRS is set LOW. The device will set the F bit in all outgoing
TRS signals for the entire period that the F input signal is HIGH
(IOPROC_EN/DIS must also be HIGH).
The F signal should be set HIGH for the entire period of field 2 and
should be set LOW for all lines in field 1 and for all lines in
progressive scan systems.
The F signal is ignored when DETECT_TRS = HIGH.
TIM_861 = HIGH:
The DE signal is used to indicate the active video period. DE is HIGH
for active data and LOW for blanking. See Section 4.3.1 and
Section 4.3.2 for timing details.
The DE signal is ignored when DETECT_TRS = HIGH.
A4
H/HSYNC
Synchronous
with PCLK
Input
PARALLEL DATA TIMING
Signal levels are LVCMOS/LVTTL compatible.
TIM_861 = LOW:
The H signal is used to indicate the portion of the video line
containing active video data, when DETECT_TRS is set low.
Active Line Blanking
The H signal should be set HIGH for the entire horizontal blanking
period, including the EAV and SAV TRS words, and LOW otherwise.
This is the default setting.
TRS Based Blanking (H_CONFIG = 1h)
The H signal should be set HIGH for the entire horizontal blanking
period as indicated by the H bit in the received TRS ID words, and
LOW otherwise.
The H signal is ignored when DETECT_TRS = HIGH.
TIM_861 = HIGH:
The HSYNC signal indicates horizontal timing. See Section 4.3.1 for
timing details.
The HSYNC signal is ignored when DETECT_TRS = HIGH.
A5, E1, G10,
K8
CORE_VDD
Non
Synchronous
Input
Power
Power supply connection for the digital core logic. Connect to +1.8V
DC digital.
A6, B6
PD_VDD
Analog
Input
Power
Power supply connection for the phase detector. Connect to +1.8V
DC analog.
A7
LF
Analog
Input
PLL loop filter connection.
A8
VCO_VCC
Analog
Output
Power
Power supply for the external voltage controlled oscillator.
2.5V DC supplied by the device to the external VCO.
A9
VCO
Analog
Input
Input from external VCO.
A10
CP_VDD
Analog
Input
Power
Power supply connection for the charge pump and on chip VCO
regulator. Connect to +3.3V DC analog.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Số phần tương tự - GS1582_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1582-IBE3 GENNUM-GS1582-IBE3 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
More results

Mô tả tương tự - GS1582_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
GS1531 GENNUM-GS1531_08 Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
GS1532 GENNUM-GS1532_07 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com