công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1574A bảng dữ liệu(PDF) 5 Page - Gennum Corporation

tên linh kiện GS1574A
Giải thích chi tiết về linh kiện  HD-LINX II Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1574A bảng dữ liệu(HTML) 5 Page - Gennum Corporation

  GS1574A_11 Datasheet HTML 1Page - Gennum Corporation GS1574A_11 Datasheet HTML 2Page - Gennum Corporation GS1574A_11 Datasheet HTML 3Page - Gennum Corporation GS1574A_11 Datasheet HTML 4Page - Gennum Corporation GS1574A_11 Datasheet HTML 5Page - Gennum Corporation GS1574A_11 Datasheet HTML 6Page - Gennum Corporation GS1574A_11 Datasheet HTML 7Page - Gennum Corporation GS1574A_11 Datasheet HTML 8Page - Gennum Corporation GS1574A_11 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
GS1574A HD-LINX® II Adaptive Cable Equalizer
Data Sheet
33416 - 10
August 2011
5 of 16
9
VEE_D
Analog
Power
Most negative power supply for the digital circuitry and output buffer.
Connect to GND.
10, 11
SDO, SDO
Analog
Output
Equalized serial digital differential output.
12
VEE_D
Analog
Power
Most negative power supply for the digital circuitry and output buffer.
Connect to GND.
13
VCC_D
Analog
Power
Most positive power supply for the digital I/O pins of the device.
Connect to +3.3V DC.
14
MUTE
Not
Synchronous
Input
CONTROL SIGNAL INPUT
levels are LVCMOS/LVTTL compatible. (3.3V Tolerant)
When the MUTE pin is set HIGH by the application interface, the serial
digital output of the device will be forced to a steady state.
When the MUTE pin is set LOW, the serial digital output of the device will
be active.
NOTE: This pin may be connected directly to the CD pin to allow mute on
loss of carrier.
15
CD
Not
Synchronous
Output
STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
Indicates the presence of a good input signal.
When the CD pin is LOW, a good input signal has been detected.
When this pin is HIGH, the input signal is invalid.
This pin will indicate loss of carrier for data rates > 19Mb/s.
16
VCC_A
Analog
Power
Most positive power supply for the analog circuitry of the device.
Connect to +3.3V DC.
Center Pad
Power
Internally bonded to VEE_A.
Table 1-1: GS1574A Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Số phần tương tự - GS1574A_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1574ACNE3 GENNUM-GS1574ACNE3 Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
More results

Mô tả tương tự - GS1574A_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS2974A GENNUM-GS2974A Datasheet
618Kb / 16P
   HD-LINX III Adaptive Cable Equalizer
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com