công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1559 bảng dữ liệu(PDF) 7 Page - Gennum Corporation

tên linh kiện GS1559
Giải thích chi tiết về linh kiện  HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1559 bảng dữ liệu(HTML) 7 Page - Gennum Corporation

Back Button GS1559 Datasheet HTML 3Page - Gennum Corporation GS1559 Datasheet HTML 4Page - Gennum Corporation GS1559 Datasheet HTML 5Page - Gennum Corporation GS1559 Datasheet HTML 6Page - Gennum Corporation GS1559 Datasheet HTML 7Page - Gennum Corporation GS1559 Datasheet HTML 8Page - Gennum Corporation GS1559 Datasheet HTML 9Page - Gennum Corporation GS1559 Datasheet HTML 10Page - Gennum Corporation GS1559 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
GS1559 HD-LINX™ II Multi-Rate Deserializer with
Loop-Through Cable Driver
Data Sheet
30572 - 8
July 2008
7 of 71
A10, A9,
B10, B9,
C10, C9,
D10, D9,
E10, E9
DOUT[19:10]
Synchronous
with PCLK
Output
PARALLEL DATA BUS
Signal levels are LVCMOS/LVTTL compatible.
DOUT19 is the MSB and DOUT10 is the LSB.
HD 20-bit mode
SD/HD = LOW
20bit/10bit = HIGH
Luma data output in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data output in Data-Through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
HD 10-bit mode
SD/HD = LOW
20bit/10bit = LOW
Multiplexed Luma and Chroma data
output in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data output in Data-Through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
SD 20-bit mode
SD/HD = HIGH
20bit/10bit = HIGH
Luma data output in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data output in Data-Through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
DVB-ASI data in DVB-ASI mode
SMPTE_BYPASS = LOW
DVB_ASI = HIGH
SD 10-bit mode
SD/HD = HIGH
20bit/10bit = LOW
Multiplexed Luma and Chroma data
output in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data input in data through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
DVB-ASI data in DVB-ASI mode
SMPTE_BYPASS = LOW
DVB_ASI = HIGH
B1
CP_CAP
Analog
Input
PLL lock time constant capacitor connection. Normally connected to
VCO_GND through 2.2nF.
B2
CP_VDD
Power
Power supply connection for the Charge Pump. Connect to +3.3V DC
analog.
B3
CP_GND
Power
Ground connection for the Charge Pump. Connect to analog GND.
B4
LB_CONT
Analog
Input
Control voltage to set the loop bandwidth of the integrated Reclocker.
Normally connected to VCO_GND through 40k
Ω.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Số phần tương tự - GS1559

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1559 GENNUM-GS1559 Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1559-CB GENNUM-GS1559-CB Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1559-CBE2 GENNUM-GS1559-CBE2 Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
More results

Mô tả tương tự - GS1559

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1559 GENNUM-GS1559 Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS9060 GENNUM-GS9060 Datasheet
941Kb / 61P
   HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com