công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GS1540-CQRE3 bảng dữ liệu(PDF) 3 Page - Gennum Corporation |
|
GS1540-CQRE3 bảng dữ liệu(HTML) 3 Page - Gennum Corporation |
3 / 17 page GENNUM CORPORATION 522 - 27 - 03 3 of 17 DC ELECTRICAL CHARACTERISTICS VCC = 5V, VEE = 0V, TA = 0°C to 70°C unless otherwise shown, Data Rate = 1.485Gb/s. PARAMETER CONDITIONS SYMBOL MIN TYP MAX UNITS TEST LEVEL Positive Supply Voltage Operating range VCC 4.75 5.00 5.25 V 3 Power Consumption VCC = 5; TA = 25°c PD - 1050 - mW 5 Supply Current VCC = 5 IS - 180 - mA 1 Output CM Voltage (DDO, DDO)VCM 3.4 3.9 4.30 V 5 Input DC Voltage (DDI, DDI) internal bias voltage 3.7 4.0 4.2 V 1 Serial Inputs (DDI, DDI) Differential mode TA = 25°C VSID 100 - 800 mV 3 Common mode TA = 25°C VCM 2.5+VSID/2 -VCC-VSID/2 V3 High Level Input Voltage (BYPASS)VCC = 5, TA = 25°C VIH 2.0 - - V 3 Low Level Input Voltage (BYPASS)VCC = 5, TA = 25°C VIL -- 0.8 V 3 High Level Output Voltage (D[19:0], PCLK) VCC = 5, ISOURCE =1.0mA VOH 2.4 - 3.0 V 1 Low Level Output Voltage (D[19:0], PCLK) VCC = 5, ISINK = 1.0mA VOL -- 0.4 V 1 High Level Output Voltage (PLL_LOCK) VCC = 5, ISOURCE = 200µA VOH 2.4 3.0 - V 1 Low Level Output Voltage (PLL_LOCK) VCC = 5, ISINK = 500µA VOL -- 0.4 V 1 TEST LEVELS 1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges. 2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using correlated test. 3. Production test at room temperature and nominal supply voltage. 4. QA sample test. 5. Calculated result based on Level 1,2, or 3. 6. Not tested. Guaranteed by design simulations. 7. Not tested. Based on characterization of nominal parts. 8. Not tested. Based on existing design/characterization data of similar product. 9. Indirect test. |
Số phần tương tự - GS1540-CQRE3 |
|
Mô tả tương tự - GS1540-CQRE3 |