công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1528BCKAE3 bảng dữ liệu(PDF) 11 Page - Gennum Corporation

tên linh kiện GS1528BCKAE3
Giải thích chi tiết về linh kiện  HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528BCKAE3 bảng dữ liệu(HTML) 11 Page - Gennum Corporation

Back Button GS1528BCKAE3 Datasheet HTML 6Page - Gennum Corporation GS1528BCKAE3 Datasheet HTML 7Page - Gennum Corporation GS1528BCKAE3 Datasheet HTML 8Page - Gennum Corporation GS1528BCKAE3 Datasheet HTML 9Page - Gennum Corporation GS1528BCKAE3 Datasheet HTML 10Page - Gennum Corporation GS1528BCKAE3 Datasheet HTML 11Page - Gennum Corporation GS1528BCKAE3 Datasheet HTML 12Page - Gennum Corporation GS1528BCKAE3 Datasheet HTML 13Page - Gennum Corporation GS1528BCKAE3 Datasheet HTML 14Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
GS1528B HD-LINX® II Multi-Rate Dual Slew-Rate Cable
Driver
Data Sheet
39623 - 4
August 2010
11 of 14
6. Application Information
6.1 PCB Layout
Special attention must be paid to component layout when designing serial digital
interfaces for HDTV.
An FR-4 dielectric can be used, however, controlled impedance transmission lines are
required for PCB traces longer than approximately 1cm. Note the following PCB artwork
features used to optimize performance:
• The PCB trace width for HD rate signals is closely matched to SMT component
width to minimize reflections due to changes in trace impedance.
• The PCB groundplane is removed under the GS1528B output components to
minimize parasitic capacitance.
• The PCB ground plane is removed under the GS1528B RSET pin and resistor to
minimize parasitic capacitance.
• Input and output BNC connectors are surface mounted in-line to eliminate a
transmission line stub caused by a BNC mounting via high speed traces which are
curved to minimize impedance variations due to change of PCB trace width.
6.2 Typical Application Circuit
Figure 6-1: GS1528B Typical Application Circuit
SD/HD
GS1528B
1
2
3
4
8
7
6
5
DDI
DDI
VEE
SDO
SDO
SD/HD
10n
75
5.6n
4u7
BNC
VCC
75
5.6n
10n
75
4u7
49.9
750
10n
49.9
4u7
75
BNC
VCC
4u7
VCC
* TYPICAL VALUE VARIES WITH LAYOUT
DIFFERENTIAL
DATA INPUT
*
*
NOTE: All resistors in Ohms, capacitors in Farads,
and inductors in Henrys, unless otherwise noted.


Số phần tương tự - GS1528BCKAE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKA GENNUM-GS1528-CKA Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results

Mô tả tương tự - GS1528BCKAE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com