công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1528BCKAE3 bảng dữ liệu(PDF) 8 Page - Gennum Corporation

tên linh kiện GS1528BCKAE3
Giải thích chi tiết về linh kiện  HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528BCKAE3 bảng dữ liệu(HTML) 8 Page - Gennum Corporation

Back Button GS1528BCKAE3 Datasheet HTML 4Page - Gennum Corporation GS1528BCKAE3 Datasheet HTML 5Page - Gennum Corporation GS1528BCKAE3 Datasheet HTML 6Page - Gennum Corporation GS1528BCKAE3 Datasheet HTML 7Page - Gennum Corporation GS1528BCKAE3 Datasheet HTML 8Page - Gennum Corporation GS1528BCKAE3 Datasheet HTML 9Page - Gennum Corporation GS1528BCKAE3 Datasheet HTML 10Page - Gennum Corporation GS1528BCKAE3 Datasheet HTML 11Page - Gennum Corporation GS1528BCKAE3 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
GS1528B HD-LINX® II Multi-Rate Dual Slew-Rate Cable
Driver
Data Sheet
39623 - 4
August 2010
8 of 14
5. Detailed Description
5.1 Input Interfacing
DDI/DDI are high impedance differential inputs. The equivalent input circuit is shown in
Figure 4-1.
Several conditions must be observed when interfacing to these inputs:
• The differential input signal amplitude must be between 300 and 2200mVpp.
• The common mode voltage range must be as specified in the Table 2.2.
• For input trace lengths longer than approximately 1cm, the inputs should be
terminated as shown in the Typical Application Circuit.
The GS1528B inputs are self-biased, allowing for simple AC coupling to the device. For
serial digital video, a minimum capacitor value of 4.7μF should be used to allow
coupling of pathological test signals. A tantalum capacitor is recommended.
SD/HD Input Pin
The GS1528B SDO rise and fall times can be set to comply with both SMPTE 259M/344M
and SMPTE 292M. For all SMPTE 259M standards, or any data rate that requires longer
rise and fall time characteristics, the SD/HD pin must be set HIGH by the application
layer. For SMPTE 292M standards and signals which require faster rise and fall times,
this pin should be set LOW.
5.2 Output Interfacing
The GS1528B outputs are current mode, and will drive 800mV into a 75Ω load. These
outputs are protected from accidental static damage with internal ESD protection
diodes.
The SMPTE 292M, SMPTE 344M and SMPTE 259M standards require that the output of a
cable driver have a source impedance of 75Ω and a return loss of at least 15dB between
5MHz and 1.485GHz.
In order for a DDI output circuit using the GS1528B to meet this specification, the output
application circuit shown in the Typical Application Circuit on page 11 is
recommended.
The value of LCOMP will vary depending on the PCB layout, with a typical value of 5.6nH.
A 4.7μF capacitor is used for AC coupling the output of the device. This value is chosen
to ensure that pathological signals can be coupled without a significant DC component
occurring. Please see Application Information on page 11 for more details.


Số phần tương tự - GS1528BCKAE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKA GENNUM-GS1528-CKA Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results

Mô tả tương tự - GS1528BCKAE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com