công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1528 bảng dữ liệu(PDF) 3 Page - Gennum Corporation

tên linh kiện GS1528
Giải thích chi tiết về linh kiện  HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528 bảng dữ liệu(HTML) 3 Page - Gennum Corporation

  GS1528_10 Datasheet HTML 1Page - Gennum Corporation GS1528_10 Datasheet HTML 2Page - Gennum Corporation GS1528_10 Datasheet HTML 3Page - Gennum Corporation GS1528_10 Datasheet HTML 4Page - Gennum Corporation GS1528_10 Datasheet HTML 5Page - Gennum Corporation GS1528_10 Datasheet HTML 6Page - Gennum Corporation GS1528_10 Datasheet HTML 7Page - Gennum Corporation GS1528_10 Datasheet HTML 8Page - Gennum Corporation GS1528_10 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
GS1528 HD-LINX II Multi-Rate SDI Dual Slew-Rate
Cable Driver
Data Sheet
16632 - 9
August 2010
3 of 13
1. Electrical Characteristics
1.1 Absolute Maximum Ratings
TA = 25°C unless otherwise indicated
1.2 DC Electrical Characteristics
Parameter
Value
Supply Voltage
-0.5V to 3.6 VDC
Input ESD Voltage
500V
Storage Temperature Range
-50°C < Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range0°C to 70°C
Power Dissipation
300mW
Lead Temperature (soldering, 10 sec)
260°C
CAUTION
The GS1528 is sensitive to electrostatic discharge. Use extreme caution, observing
all ESD-prevention practices, during handling and assembly. The SDI inputs of the GS1528
must be protected from electrostatic discharge and electrical overstress during the handling
and operation of circuit assemblies
Table 1-1: DC Electrical Characteristics
VDD = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Notes
Test
Levels
Supply VoltageVCC
3.135
3.3
3.465
V
±5%
3
Power
Consumption
TA = 25°C
PD
160
mW
5
Supply Current
TA = 25°C
Ι
s
–48
mA
1
Output Voltage
Common
mode
VCMOUT
–VCC - VOUT
––
6
Input Voltage
Common
mode
VCMIN
1.6 + ΔVSDI/2
VCC - ΔVSDI/2
V
5
SD/HD Input
VIH
2.4
V
7
VIL
––
0.8
V
7


Số phần tương tự - GS1528_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1528-CKA GENNUM-GS1528-CKA Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CTA GENNUM-GS1528-CTA Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CTAE3 GENNUM-GS1528-CTAE3 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
More results

Mô tả tương tự - GS1528_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com