công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1508-CKAE3 bảng dữ liệu(PDF) 5 Page - Gennum Corporation

tên linh kiện GS1508-CKAE3
Giải thích chi tiết về linh kiện  HDTV Cable Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1508-CKAE3 bảng dữ liệu(HTML) 5 Page - Gennum Corporation

  GS1508-CKAE3 Datasheet HTML 1Page - Gennum Corporation GS1508-CKAE3 Datasheet HTML 2Page - Gennum Corporation GS1508-CKAE3 Datasheet HTML 3Page - Gennum Corporation GS1508-CKAE3 Datasheet HTML 4Page - Gennum Corporation GS1508-CKAE3 Datasheet HTML 5Page - Gennum Corporation GS1508-CKAE3 Datasheet HTML 6Page - Gennum Corporation GS1508-CKAE3 Datasheet HTML 7Page - Gennum Corporation GS1508-CKAE3 Datasheet HTML 8Page - Gennum Corporation GS1508-CKAE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
GS1508 HD-LINX™ HDTV Cable Driver
Data Sheet
9500 - 6
August 2010
5 of 14
3. Detailed Description
3.1 Input Interfacing
SDI/SDI are high-impedance differential inputs (see Figure 4-1 for equivalent input
circuit).
Several conditions must be observed when interfacing to these inputs:
1. The differential input signal amplitude must be between 150 and 800mVpp.
2. The common mode voltage range must be as specified in the DC Electrical
Characteristics table. For a 400mV input from the GS1504 HD cable equalizer, this
corresponds to a common mode voltage range of between 2.7V and 4.8V.
3. For input trace lengths longer than approximately 1cm, the inputs should be
terminated as shown in the Typical Application Circuit.
The GS1508 inputs are self biased, allowing for simple AC-coupling to the device. For
serial digital HDTV, a minimum capacitor value of 4.7μF should be used to allow
coupling of pathological test signals. A tantalum capacitor is recommended.
3.2 Output Interfacing
The GS1508 outputs are current-mode, and will drive 800mV into a 75Ω load. These
outputs are protected from accidental static damage with internal static protection
diodes.
The SMPTE 292M standard requires that the output of a cable driver have a source
impedance of 75Ω and a return loss of at least 15dB between 5MHz and 1.485GHz.
In order for an HD SDI output circuit using the GS1508 to meet this specification, the
output circuit shown in the Typical Application Circuit is recommended.
The values of LCOMP and CCOMP will vary depending on PCB layout, but typical values are
12nH and 0.5pF respectively. The small value of CCOMP can be easily swamped by
parasitic PCB capacitance, so it is recommended that the ground plane be removed
under the GS1508 output circuitry (see the Application Information section in this data
sheet for further details). A 4.7μF capacitor is used for AC-coupling the output of the
GS1508. This value is chosen to ensure that pathological signals can be coupled without
a significant DC component occurring.


Số phần tương tự - GS1508-CKAE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1508-CKAE3 GENNUM-GS1508-CKAE3 Datasheet
115Kb / 8P
   HDTV Cable Driver
More results

Mô tả tương tự - GS1508-CKAE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1508 GENNUM-GS1508 Datasheet
115Kb / 8P
   HDTV Cable Driver
logo
Faraday Technology
FFC010A075 FARADAY-FFC010A075 Datasheet
46Kb / 2P
   HDTV CABLE CLONE
FPC150A075 FARADAY-FPC150A075 Datasheet
13Kb / 2P
   HDTV CABLE CLONE
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_15 Datasheet
283Kb / 10P
   HDTV Video Filter Driver
logo
National Semiconductor ...
LM2421 NSC-LM2421 Datasheet
998Kb / 13P
   Monolithic Triple Channel HDTV Driver
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_17 Datasheet
1Mb / 11P
   Triple, 38.5MHz, 6th-Order HDTV Video Filter Driver
SGM9116 SGMICRO-SGM9116 Datasheet
511Kb / 9P
   Triple, 35MHz, 3rd Order HDTV Video Filter Driver
logo
Texas Instruments
LM2432 TI1-LM2432 Datasheet
535Kb / 17P
[Old version datasheet]   Monolithic Single Channel 37 MHz HDTV CRT Driver
logo
KR Electronics, Inc.
2381 KR-2381 Datasheet
19Kb / 1P
   HDTV Filter
2382 KR-2382 Datasheet
19Kb / 1P
   HDTV Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com